Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet (PDF) - Holtek Semiconductor Inc

HT23C040 Datasheet PDF - Holtek Semiconductor Inc
Part # HT23C040
Download  HT23C040 Download
File Size   140.19 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 512Kx8-Bit Mask ROM

HT23C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT23C040 Datasheet PDF - Holtek Semiconductor Inc

Part # HT23C040
Download  HT23C040 Click to download

File Size   140.19 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 512Kx8-Bit Mask ROM

HT23C040 Datasheet (HTML) - Holtek Semiconductor Inc


HT23C040 Product details

General Description
The HT23C040 is a read-only memory with high performance CMOS storage device whose 4096K of memory is arranged into 524288 word by 8 bits.

Features
• Operating voltage: 2.7V~5.5V
• Low power consumption
    – Operation: 25mA max. (VCC=5V)
                         10mA max. (VCC=3V)
    – Standby: 30μA max. (VCC=5V)
                      10μA max. (VCC=3V)
• Access time: 120ns max. (VCC=5V)
                        250ns max. (VCC=3V)
• 5242888-bit of mask ROM
• Mask option: chip enable CE/CE/OE1/OE1, and output enable OE/OE/NC
• TTL compatible inputs and outputs
• Tristate outputs
• Fully static operation
• Package type: 32-pin DIP/SOP




Similar Part No. - HT23C040

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C020 HOLTEK-HT23C020 Datasheet
261Kb / 8P
CMOS 256Kx 8-Bit Mask ROM
21st Aug 98
More results


Similar Description - HT23C040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
CMOS 16Kx 8-Bit Mask ROM
24th Aug 98
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
CMOS 32Kx 8-Bit Mask ROM
24th Aug 98
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
CMOS 64Kx 8-Bit Mask ROM
24th Aug 98
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
1MX16/2MX8 BIT CMOS MASK ROM
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
CMOS MASK ROM
HY23V16202 ETC1-HY23V16202 Datasheet
132Kb / 8P
1MX16/2MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
CMOS 64Kx8-Bit Mask ROM
August 30, 2002
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com