Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT23C040
Description  CMOS 512Kx8-Bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C040 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT23C040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT23C040
CMOS 512K´8-Bit Mask ROM
1
January 20, 2000
Features
·
Operating voltage: 2.7V~5.5V
·
Low power consumption
–
Operation: 25mA max. (VCC=5V)
10mA max. (VCC=3V)
–
Standby: 30mA max. (VCC=5V)
10mA max. (VCC=3V)
·
Access time: 120ns max. (VCC=5V)
250ns max. (VCC=3V)
·
524288´8-bit of mask ROM
·
Mask option: chip enable CE/CE/OE1/OE1,
and output enable OE/OE/NC
·
TTL compatible inputs and outputs
·
Tristate outputs
·
Fully static operation
·
Package type: 32-pin DIP/SOP
General Description
The HT23C040 is a read-only memory with
high performance CMOS storage device whose
4096K of memory is arranged into 524288 word
by 8 bits.
For application flexibility, the chip enable and
output enable control pins can be selected as ac-
tive high or active low. This flexibility not only
allows easy interface with most microproces-
sors, but also eliminates bus contention in mul-
tiple bus microprocessor systems. An
additional feature of the HT23C040 is its abil-
ity to enter the standby mode whenever the
chip enable (CE/CE) is inactive, thus reducing
current consumption to below 30mA. The combi-
nation of these functions makes the chip suit-
able for high density low power memory
applications.


Similar Part No. - HT23C040

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C020 HOLTEK-HT23C020 Datasheet
261Kb / 8P
CMOS 256Kx 8-Bit Mask ROM
21st Aug 98
More results

Similar Description - HT23C040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
CMOS 16Kx 8-Bit Mask ROM
24th Aug 98
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
CMOS 32Kx 8-Bit Mask ROM
24th Aug 98
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
CMOS 64Kx 8-Bit Mask ROM
24th Aug 98
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
1MX16/2MX8 BIT CMOS MASK ROM
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
CMOS MASK ROM
HY23V16202 ETC1-HY23V16202 Datasheet
132Kb / 8P
1MX16/2MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
CMOS 64Kx8-Bit Mask ROM
August 30, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com