Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT23C040
Description  CMOS 512Kx8-Bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C040 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT23C040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 9Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A.C. test condition
Output load: see figure right
Input rise and fall time: 10ns
Input pulse levels: 0.4V to 2.4V
Input and output timing reference levels:
0.8V and 2.0V (VCC=5V)
1.5V (VCC=3V)
Timing Diagrams
· Propagation delay due to address (CE/CE/OE1/OE1 and OE/OE are active)
· Propagation delay due to chip and output enable (address valid)
HT23C040
6
January 20, 2000
Va l i d
Ad d r e s s
D out
t CY C
t AA
Va l i d
t OH
CE
CE
t OE
OE
OE
t AC E
t AO E
t OD
D out
Va l i d
100p F *
V CC
1250 W
775 W
Ou t p u t
* I nc l udi ng s c ope and j i g
Output load circuit
Functional Description
The HT23C040 has two modes, namely data
read mode and standby mode, controlled by
CE/CE/OE1/OE1 and OE/OE/NC inputs.
· Standby mode
The HT23C040 has lower current consumption,
controlled by the chip enable input (CE/CE).
When a low/high level is applied to the CE/CE
input regardless of the output enable
(OE/OE/NC) states, the chip will enter the
standby mode.
· Data read mode
When both the chip enable (CE/CE/OE1/OE1)
and the output enable (OE/OE/NC) are active,
the chip is in data read mode. Otherwise, ac-
tive CE/CE and inactive OE/OE/NC result in
deselect mode. The output will remain in Hi-Z
state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com