Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT23C040
Description  CMOS 512Kx8-Bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C040 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT23C040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
D.C. Characteristics
Supply voltage: 4.5V~5.5V
Ta=-40°Cto85°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
4.5
¾
5.5
V
ICC1
Operating Current
5V
O/P Unload,
f=5MHz
¾¾
25
mA
VIL1
Input Low Voltage
5V
¾
VSS
¾
0.8
V
VIH1
Input High Voltage
5V
¾
2.2
¾
VCC
V
VOL1
Output Low Voltage
5V
IOL=3.2mA
¾¾
0.4
V
VOH1
Output High Voltage
5V
IOH=-1mA
2.4
¾
VCC
V
ILI
Input Leakage Current
5V
VIN=0 to VCC
¾¾
10
mA
ILO
Output Leakage Current
5V
VOUT=0 to VCC
¾¾
10
mA
ISTB1
Standby Current
5V
CE=VIL
CE=VIH
¾¾
1.5
mA
ISTB2
Standby Current
5V
CE£0.2V
CE³VCC-0.2V
¾¾
30
mA
CIN
Input Capacitance (See note)
¾
f=1MHz
¾¾
10
pF
COUT
Output Capacitance (See note)
¾
f=1MHz
¾¾
10
pF
HT23C040
4
January 20, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com