Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT23C040
Description  CMOS 512Kx8-Bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C040 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT23C040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Supply voltage: 2.7V~3.3V
Ta=-40°Cto85°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
2.7
¾
3.3
V
ICC2
Operating Current
3V
O/P Unload,
f=5MHz
¾¾
10
mA
VIL2
Input Low Voltage
3V
¾
VSS
¾
0.4
V
VIH2
Input High Voltage
3V
¾
1.5
¾
VCC
V
VOL2
Output Low Voltage
3V
IOL=2mA
¾¾
0.4
V
VOH2
Output High Voltage
3V
IOH=-0.6mA
1.5
¾
VCC
V
ILI
Input Leakage Current
3V
VIN=0 to VCC
¾¾
10
mA
ILO
Output Leakage Current
3V
VOUT=0 to VCC
¾¾
10
mA
CIN
Input Capacitance (See Note)
¾
f=1MHz
¾¾
10
pF
COUT
Output Capacitance (See Note)
¾
f=1MHz
¾¾
10
pF
Note: These parameters are periodically sampled but not 100% tested.
A.C. Characteristics
Ta=-40°Cto85°C
Symbol
Parameter
3V±10%
5V±10%
Unit
Min.
Max.
Min.
Max.
tCYC
Cycle Time
200
¾
120
¾
ns
tAA
Address Access Time
¾
250
¾
120
ns
tACE
Chip Enable Access Time
¾
250
¾
120
ns
tAOE
Output Enable Access Time
¾
150
¾
80
ns
tOH
Output Hold Time
¾¾
10
¾
ns
tOD
Output Disable Time (See Note)
¾¾
¾
70
ns
tOE
Output Enable Time (See Note)
¾¾
10
¾
ns
Note: These parameters are periodically sampled but not 100% tested.
HT23C040
5
January 20, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com