Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C040 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT23C040
Description  CMOS 512Kx8-Bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C040 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT23C040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Description
Pin Name
I/O
Description
NC
¾
No connection
A0~A18
I
Address inputs
D0~D7
O
Data outputs
VSS
¾
Negative power supply
CE/CE/OE1/OE1
I
Chip enable/Output enable input
OE/OE/NC
I
Output enable input
VCC
¾
Positive power supply
Operation Truth Table
Mode
CE/CE
OE/OE
A0~A18
D0~D7
Read
H/L
H/L
Valid
Data Out
Deselect
H/L
L/H
X
High Z
Standby
L/H
X
X
High Z
Note: H=VIH, L=VIL, X=VIH or VIL
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
Input Voltage .......................-0.3V to VCC+0.3V
Operating Temperature ..............-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT23C040
3
January 20, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com