Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C128 Datasheet (PDF) - Holtek Semiconductor Inc

HT23C128 Datasheet PDF - Holtek Semiconductor Inc
Part # HT23C128
Download  HT23C128 Download
File Size   248.92 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 16Kx 8-Bit Mask ROM

HT23C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT23C128 Datasheet PDF - Holtek Semiconductor Inc

Part # HT23C128
Download  HT23C128 Click to download

File Size   248.92 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 16Kx 8-Bit Mask ROM

HT23C128 Datasheet (HTML) - Holtek Semiconductor Inc


HT23C128 Product details

General Description
The HT23C128 is a read-only memory with high performance CMOS storage device whose 128K of memory is arranged into 16384 words by 8 bits.

Features
• Operating voltage: 2.7V~5.5V
• Low power consumption
    – Operation: 25mA Max. (VCC=5V)
                         10mA Max. (VCC=3V)
    – Standby: 30µA Max. (VCC=5V)
                      10µA Max. (VCC=3V)
• Access time:150ns Max. (VCC=5V)
                       250ns Max. (VCC=3V)
• 16384×8 bits of mask ROM
• Mask options: chip enable CE/CE/OE2/OE2 and output enable OE/OE/NC & OE1/ OE1/NC
• TTL compatible inputs and outputs
• Tristate outputs
• Fully static operation
• Package type: 28-pin DIP/SOP




Similar Part No. - HT23C128

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C020 HOLTEK-HT23C020 Datasheet
261Kb / 8P
CMOS 256Kx 8-Bit Mask ROM
21st Aug 98
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
CMOS 512Kx8-Bit Mask ROM
January 20, 2000
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
CMOS 32Kx 8-Bit Mask ROM
24th Aug 98
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
CMOS 64Kx 8-Bit Mask ROM
24th Aug 98
More results


Similar Description - HT23C128

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C020 HOLTEK-HT23C020 Datasheet
261Kb / 8P
CMOS 256Kx 8-Bit Mask ROM
21st Aug 98
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
CMOS 32Kx 8-Bit Mask ROM
24th Aug 98
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
CMOS 64Kx 8-Bit Mask ROM
24th Aug 98
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
Mask-ROM 8-Bit CMOS Micro-controller
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
131,072 x 8-Bit Mask-Programmable CMOS ROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com