Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8458GV33 Datasheet (PDF) - Infineon Technologies AG

TLE8458GV33 Datasheet PDF - Infineon Technologies AG
Part # TLE8458GV33
Download  TLE8458GV33 Download
File Size   1375.76 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LIN Transceiver with integrated Voltage Regulator

TLE8458GV33 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE8458GV33 Datasheet PDF - Infineon Technologies AG

Part # TLE8458GV33
Download  TLE8458GV33 Click to download

File Size   1375.76 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LIN Transceiver with integrated Voltage Regulator

TLE8458GV33 Datasheet (HTML) - Infineon Technologies AG


TLE8458GV33 Product details

Features
• LIN Transceiver compliant to LIN 2.1
• 5 V or 3.3 V Low Drop Voltage Regulator
• 50 mA output current capability
• Normal, Stop, and Sleep modes
• Wake-up via bus from Sleep Mode
• Wake-up from Local WK pin
• Very low quiescent current in Stop Mode
• Very low quiescent current in Sleep Mode
• Very high ESD Robustness ± 10 kV according IEC61000-4-2
• Bus short to ground and VBat protection
• Software Flash mode
• Over-Temperature protection
• Pin- and function compatible to single LIN Transceivers, like TLE7259-3GE
• Green (RoHS compliant) product
• AEC Qualified

Description
The TLE8458G and TLE8458GV33 integrate a low drop voltage regulator and a LIN transceiver on one monolithic
circuit. The device is suitable to supply microcontrollers and driving a LIN bus at the same time. The TLE8458 is
pin compatible to stand-alone LIN transceivers like the TLE7259-3GE. The combination of a voltage regulator and
a LIN transceiver on one circuit decreases the quiescent current for a typical application to a value of 8 μA, while
the TLE8458 is still able to wake-up off a LIN bus signal or a signal change on the local wake-up input WK.
Compliant to all LIN standards and with a wide operational supply range, the TLE8458 can be used in all
automotive applications.
Based on the Infineon Smart Power Technology SPT®, the TLE8458 provides excellent ESD robustness together
with a very high electro-magnetic immunity (EMI). The TLE8458 reaches a very low level of electro-magnetic
emission (EME) within a broad frequency range. The TLE8458 family and the Infineon SPT® technology are AEC
qualified and tailored to withstand the harsh conditions in the automotive environment.




Similar Part No. - TLE8458GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8458GV33 INFINEON-TLE8458GV33 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Similar Description - TLE8458GV33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com