Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8061 Datasheet (PDF) - Melexis Microelectronic Systems

TH8061 Datasheet PDF - Melexis Microelectronic Systems
Part # TH8061
Download  TH8061 Download
File Size   1318.36 Kbytes
Page   36 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with integrated LIN Transceiver

TH8061 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8061 Datasheet PDF - Melexis Microelectronic Systems

Part # TH8061
Download  TH8061 Click to download

File Size   1318.36 Kbytes
Page   36 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with integrated LIN Transceiver

TH8061 Datasheet (HTML) - Melexis Microelectronic Systems


TH8061 Product details

General Description
The TH8061 consists of a low-drop voltage regulator 5V/50mA and a LIN bus transceiver. The LIN transceiver is suitable for LIN bus systems conform to LIN specification revision 1.3, 2.0 and SAE J2602.
The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful and cheap slave nodes in LIN Bus systems.

Features
o Compatible to LIN Specification 1.3, 2.0 and SAE J2602
o Operating voltage VS = 5.5 ... 18 V
o Low standby current consumption of < 50 µA in sleep mode
o Linear low drop voltage regulator 5V/50mA
    ◾ Output current limitation
o LIN-Bus Transceiver
    ◾ Compatible to ISO9141 functions
    ◾ Baud rate up to 20 kBaud
    ◾ Slew rate control for best EME behavior
    ◾ High EMI immunity
    ◾ High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
o Wake-up via LIN bus traffic
o Reset output (100ms/4.65V)
o Overtemperature shutdown
o Automotive Temperature Range of –40°C to 125°C
o CMOS compatible interface to microcontroller
o Load dump protected (40V)
o Small SOIC8 package




Similar Part No. - TH8061

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAC MELEXIS-TH8062KDCAC Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAD MELEXIS-TH8062KDCAD Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
More results


Similar Description - TH8061

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com