Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8062 Datasheet (PDF) - Melexis Microelectronic Systems

TH8062 Datasheet PDF - Melexis Microelectronic Systems
Part # TH8062
Download  TH8062 Download
File Size   704.73 Kbytes
Page   38 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with LIN Transceiver

TH8062 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8062 Datasheet PDF - Melexis Microelectronic Systems

Part # TH8062
Download  TH8062 Click to download

File Size   704.73 Kbytes
Page   38 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with LIN Transceiver

TH8062 Datasheet (HTML) - Melexis Microelectronic Systems


TH8062 Product details

General Description
The TH8062 consists of a low-drop voltage regulator 5V/70mA and a LIN bus transceiver. The LIN transceiver is suitable for LIN bus systems conform to LIN specification revision 2.0 and SAE J2602.
The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful and cheap slave nodes in LIN Bus systems.

Features
o Compatible to LIN Specification 2.0 and SAE J2602
o Operating voltage VS = 6 ... 18 V
o Low standby current consumption of typ. 15 μA in sleep mode
    ◾ “noload” current < 200µA
o Linear low drop voltage regulator 5V/70mA ±2%
    ◾ Output current limitation
o LIN-Bus Transceiver
    ◾ Compatible to ISO9141 functions
    ◾ Baud rate up to 20 kBaud
    ◾ Slew rate control for best EME behavior
    ◾ Low slew mode for optimized SAE J2602 transmission
    ◾ High EMI immunity
    ◾ High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
    ◾ Current limitation
    ◾ Bus input voltages -24V to 30V independent from VBat
o Wake-up via LIN bus traffic
o Reset output (default 8ms/4.65V)
    ◾ Reset time adjustable to 4ms, 15ms and 30ms during IC final test
o Over temperature shutdown
o Automotive temperature range of –40°C to 125°C
o CMOS compatible interface to microcontroller
o Load dump protected (40V)
o Small SOIC8 package
o Pin compatible to the Melexis TH8061




Similar Part No. - TH8062

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8061KDCA MELEXIS-TH8061KDCA Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
TH8065KDCAA MELEXIS-TH8065KDCAA Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
TH8065KDCAB MELEXIS-TH8065KDCAB Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
More results


Similar Description - TH8062

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com