Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8065 Datasheet (PDF) - Melexis Microelectronic Systems

TH8065 Datasheet PDF - Melexis Microelectronic Systems
Part # TH8065
Download  TH8065 Download
File Size   1137.0 Kbytes
Page   40 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with LIN Transceiver and Watchdog

TH8065 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8065 Datasheet PDF - Melexis Microelectronic Systems

Part # TH8065
Download  TH8065 Click to download

File Size   1137.0 Kbytes
Page   40 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Voltage Regulator with LIN Transceiver and Watchdog

TH8065 Datasheet (HTML) - Melexis Microelectronic Systems


TH8065 Product details

General Description
The TH8065 consists of a low-drop voltage regulator 5V/70mA combined with a Reset/Watchdog unit and a LIN bus transceiver. The LIN transceiver is suitable for LIN bus systems conform to LIN specification revision 2.0 and SAE J2602.
The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful and cheap slave nodes in LIN Bus systems.

Features
o Compatible to LIN Specification 2.0 and SAE J2602
o Operating voltage VS = 6 ... 18 V
o Low standby current consumption of typ. 15 μA in sleep mode
    ◾ “noload” current < 200µA
o Linear low drop voltage regulator 5V/70mA ±2%
    ◾ Output current limitation
o LIN-Bus Transceiver
    ◾ Compatible to ISO9141 functions
    ◾ Baud rate up to 20 kBaud
    ◾ Slew rate control for best EME behavior
    ◾ Low slew mode for optimized SAE J2602 transmission
    ◾ High EMI immunity
    ◾ High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
    ◾ Current limitation
o Wake-up via LIN bus traffic
o Reset output (default 8ms/4.65V)
    ◾ Reset time adjustable to 4ms, 15ms and 30ms during IC final test
o Analogue Watchdog with programmable time constant via external capacity
o Over temperature shutdown
o Automotive temperature range of –40°C to 125°C
o CMOS compatible interface to microcontroller
o Load dump protected (40V)
o Small SOIC14 package with fused lead frame for low Rth value




Similar Part No. - TH8065

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8061KDCA MELEXIS-TH8061KDCA Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
More results


Similar Description - TH8065

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
LIN transceiver with voltage regulator and watchdog
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com