Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.48 Datasheet (PDF) - ELMOS Semiconductor AG

E910.48 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.48
Download  E910.48 Download
File Size   122.57 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver with voltage regulator and watchdog

E910.48 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.48 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.48
Download  E910.48 Click to download

File Size   122.57 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver with voltage regulator and watchdog

E910.48 Datasheet (HTML) - ELMOS Semiconductor AG


E910.48 Product details

DESCRIPTION
The IC is used as a voltage regulator with an integrated LIN-interface in automotive applications. The voltage regulator supplies an µC in the application.

FEATURES
► Operating voltage range (VS) 3V to 27V
► Two selectable output voltages: 5V and 3.3V ±2.0%
► Output current 150mA
► Reset impulse durations (10ms, 100ms) and threshold levels are programmable
► Selectable watchdog windows:
    Fixed: 37ms or 75ms
    Variable: 3ms to 50ms
► LIN-bus interface, LIN specification 2.0
► Output slew rate control to reduce EMI
► Input voltage bus ranges from – 36V to + 40V
► Wake up via bus
► Standby current <30µA typical
► Over temperature and output current protection
► BUS pin protected of ESD voltage level 4kV
► SO16 package

APPLICATION
► Bus interface for Local Interconnect Network (LIN) communication including µC supervisory especially in automotive applications




Similar Part No. - E910.48

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
More results


Similar Description - E910.48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
Voltage Regulator with LIN Transceiver and Watchdog
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com