Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6622 Datasheet (PDF) - ATMEL Corporation

ATA6622 Datasheet PDF - ATMEL Corporation
Part # ATA6622
Download  ATA6622 Download
File Size   494.47 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog

ATA6622 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6622 Datasheet PDF - ATMEL Corporation

Part # ATA6622
Download  ATA6622 Click to download

File Size   494.47 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog

ATA6622 Datasheet (HTML) - ATMEL Corporation


ATA6622 Product details

Description
The ATA6622 is a fully integrated LIN transceiver, which complies with the LIN 2.0, 2.1 and SAEJ2602-2 specifications. It has a low-drop voltage regulator for 3.3V/50 mA output and a window watchdog. The ATA6624 has the same functionality as the ATA6622; however, it uses a 5V/50 mA regulator. The ATA6626 has the same functionality as ATA6624 without a TXD time-out timer. The voltage regulator is able to source 50 mA, but the output current can be boosted by using an external NPN transistor. This chip combination makes it possible to develop inexpensive, simple, yet powerful slave and master nodes for LIN-bus systems.

Features
• Master and Slave Operation Possible
• Supply Voltage up to 40V
• Operating voltage VS = 5V to 27V
• Typically 10 µA Supply Current During Sleep Mode
• Typically 57 µA Supply Current in Silent Mode
• Linear Low-drop Voltage Regulator:
   – Normal, Fail-safe, and Silent Mode
   – ATA6622 VCC = 3.3V ±2%
   – ATA6624 VCC = 5.0V ±2%
   – ATA6626 VCC = 5.0V ±2%, TXD Time-out Timer Disabled
   – In Sleep Mode VCC is Switched Off
• VCC- Undervoltage Detection (4 ms Reset Time) and Watchdog Reset Logical Combined at Open Drain Output NRES
• Negative Trigger Input for Watchdog
• Boosting the Voltage Regulator Possible with an External NPN Transistor
• LIN Physical Layer According to LIN 2.0, 2.1 and SAEJ2602-2
• Wake-up Capability via LIN-bus, Wake Pin, or Kl_15 Pin
• INH Output to Control an External Voltage Regulator or to Switch off the Master Pull Up Resistor
• TXD Time-out Timer; ATA6626: TXD Time-out Timer Is Disabled
• Bus Pin is Overtemperature and Short Circuit Protected versus GND and Battery
• Adjustable Watchdog Time via External Resistor
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN in automotive Applications Rev.1.0”
• Interference and Damage Protection According ISO7637
• Package: QFN 5 mm × 5 mm with 20 Pins




Similar Part No. - ATA6622

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622 Datasheet
910Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
1,007Kb / 31P
Typically 10 關A Supply Current During Sleep Mode
ATA6622-PGPW ATMEL-ATA6622-PGPW Datasheet
910Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622-PGQW ATMEL-ATA6622-PGQW Datasheet
910Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622C ATMEL-ATA6622C Datasheet
1,007Kb / 31P
Typically 10 關A Supply Current During Sleep Mode
More results


Similar Description - ATA6622

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622_09 Datasheet
910Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6630 ATMEL-ATA6630_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com