Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.43 Datasheet (PDF) - ELMOS Semiconductor AG

E910.43 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.43
Download  E910.43 Download
File Size   103.51 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver

E910.43 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.43 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.43
Download  E910.43 Click to download

File Size   103.51 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver

E910.43 Datasheet (HTML) - ELMOS Semiconductor AG


E910.43 Product details

DESCRIPTION
The IC interfaces between a µC and a Local Interconnect Network (LIN) bus-line, mainly in automotive sub bus applications. When pin EN is at High level (VDD), a digital input signal at pin TxD is transferred to the fully protected low side driver on pin BUS. The voltage level on pin BUS is detected by a comparator with a threshold of nominally 50% of the battery supply VS. After passing a debounce filter it is valid on pin RxD as a digital signal referenced to the digital supply voltage VDD.

FEATURES
► Supply voltage range VS 6V to 18V
► Supply voltage range VDD 4.5V to 5.5V
► LIN 2.0 compatible interface for data rates up to 20kBaud
► Output slewrate control to reduce EMI
► Short circuit current limitation
► Over temperature protection
► Bus-line DC voltage range – 24V to + 30V
► Receiver debounce filter
► Very low active current consumption
► Very low standby current (typ. < 10 µA)
► Wake up output by LIN-Bus transition and EN, battery power on
► – 40°C to + 125°C operating temperature
► SO 8n package

APPLICATION
► Bus interface for Local Interconnect Network (LIN) communication especially in automobile applications




Similar Part No. - E910.43

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results


Similar Description - E910.43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com