Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.44 Datasheet (PDF) - ELMOS Semiconductor AG

E910.44 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.44
Download  E910.44 Download
File Size   105.8 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Hall sensor IC

E910.44 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.44 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.44
Download  E910.44 Click to download

File Size   105.8 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Hall sensor IC

E910.44 Datasheet (HTML) - ELMOS Semiconductor AG


E910.44 Product details

DESCRIPTION
The IC contains a Hall sensor and the appropriate measurement system. It detects three levels of upright magnetic field: positive, near zero and negative. These information are provided at two binary coded outputs for any logic or uC. The sampling rate is about 10kHz (typ.) allowing fast movement detection.

FEATURES
► Supply voltage range 2.0V to 6.0V
► Hall Sensor with two magnetic switching thresholds
► Provides three field strength ranges: negative, near zero and positive
► Two binary coded outputs for the recognised field strength
► Extremely low integral current consumption of < 26µA in standard mode.
► High measuring rate of typically 10k samples per second in standard mode.
► Slow measuring mode and/ or increased sensitivity can be statically adjusted.
► – 40°C to + 125°C operating temperature
► SO8 package

APPLICATION
► Motor speed and postition control
► Magnetic field detection
► Proximity switch




Similar Part No. - E910.44

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results


Similar Description - E910.44

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
logo
MagnaChip Semiconductor...
MXM1120 MGCHIP-MXM1120 Datasheet
55Kb / 1P
digital Hall sensor IC
MXM1120SO MGCHIP-MXM1120SO Datasheet
55Kb / 1P
digital Hall sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com