Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9140 Datasheet (PDF) - Anpec Electronics Coropration

APX9140 Datasheet PDF - Anpec Electronics Coropration
Part # APX9140
Download  APX9140 Download
File Size   56.19 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Hall Effect Sensor IC

APX9140 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX9140 Datasheet PDF - Anpec Electronics Coropration

Part # APX9140
Download  APX9140 Click to download

File Size   56.19 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Hall Effect Sensor IC

APX9140 Datasheet (HTML) - Anpec Electronics Coropration


APX9140 Product details

General Description

The APX9140 is an integrated Hall Effect Sensor IC designed for electric commutation of DC brushless motor applications. The APX9140 still can operate at as low as 3 volts. The APX9140 is available in low cost TO -92M package with 3 different magnetic ranks.



Features

•On-chip Hall Sensor

•Low Operating Supply Voltage : 3 V

•High Output Sinking Capability up to 400mA

•Versatile sensitivity and hysteresis setting

•Reliable and Rugged

•4 pin TO-92M Package




Similar Part No. - APX9140

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9141 ANPEC-APX9141 Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PB ANPEC-APX9141AEE-PB Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PBL ANPEC-APX9141AEE-PBL Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TB ANPEC-APX9141AEE-TB Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TBL ANPEC-APX9141AEE-TBL Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
More results


Similar Description - APX9140

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com