Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9141 Datasheet (PDF) - Anpec Electronics Coropration

APX9141 Datasheet PDF - Anpec Electronics Coropration
Part # APX9141
Download  APX9141 Download
File Size   79.5 Kbytes
Page   8 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Hall Effect Sensor IC with Reverse Voltage Protection

APX9141 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX9141 Datasheet PDF - Anpec Electronics Coropration

Part # APX9141
Download  APX9141 Click to download

File Size   79.5 Kbytes
Page   8 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Hall Effect Sensor IC with Reverse Voltage Protection

APX9141 Datasheet (HTML) - Anpec Electronics Coropration


APX9141 Product details

General Description

The APX9141 is an integrated Hall Effect Sensor IC designed for electric commutation of DC brushless motor applications. The APX9141 still can operate at as low as 3 volts. The APX9141 is available in low cost TO -92M4 package with 3 different magnetic ranks.



Features

• On-chip Reverse Voltage Protection

• On-chip Hall Sensor

• Low Operating Supply Voltage : 3 V

• High Output Sinking Capability up to 400mA

• Versatile sensitivity and hysteresis setting

• Reliable and Rugged

• 4 pin TO-92M Package



Applications

• Brushless DC Fan

• Revolution Counting

• Brushless DC Motor

• Speed Measurement



 




Similar Part No. - APX9141

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
Hall Effect Sensor IC
More results


Similar Description - APX9141

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
Winson Semiconductor Co...
WSH413NL WINSON-WSH413NL Datasheet
107Kb / 5P
Hall Effect Switch IC with Thermal Protection
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com