Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9142 Datasheet (PDF) - Anpec Electronics Coropration

APX9142 Datasheet PDF - Anpec Electronics Coropration
Part # APX9142
Download  APX9142 Download
File Size   466.7 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection

APX9142 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX9142 Datasheet PDF - Anpec Electronics Coropration

Part # APX9142
Download  APX9142 Click to download

File Size   466.7 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection

APX9142 Datasheet (HTML) - Anpec Electronics Coropration


APX9142 Product details

General Description
The APX9142 is an integrated Hall Effect Sensor IC designed for electric commutation of DC brushless motor applications. The APX9142 still can operate at as low as 3 volts. The APX9142 is available in low cost TO -92M4 package with 3 different magnetic ranks.

Features
• On-chip Reverse Voltage Protection
• On-chip Hall Sensor
• Low Operating Supply Voltage : 3 V
• High Output Sinking Capability up to 400mA
• Versatile sensitivity and hysteresis setting
• Reliable and Rugged
• 4 pin TO-92M Package
• Build-in Output Zener Diodes to Clamp the Peak Output Voltage
• High Sensitivilty Hall Effect Senser IC:±50G, ±65G, and ±90G

Applications
• Brushless DC Fan
• Revolution Counting
• Brushless DC Motor
• Speed Measurement




Similar Part No. - APX9142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
Hall Effect Sensor IC
More results


Similar Description - APX9142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9141 ANPEC-APX9141 Datasheet
79Kb / 8P
Hall Effect Sensor IC with Reverse Voltage Protection
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
UH211 UTC-UH211 Datasheet
204Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3582 DIODES-AH3582 Datasheet
723Kb / 13P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR
Rev erse
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse-
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com