Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL525 Datasheet (PDF) - List of Unclassifed Manufacturers

HAL525 Datasheet PDF - List of Unclassifed Manufacturers
Part # HAL525
Download  HAL525 Download
File Size   292.67 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor IC

HAL525 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL525 Datasheet PDF - List of Unclassifed Manufacturers

Part # HAL525
Download  HAL525 Click to download

File Size   292.67 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Hall Effect Sensor IC

HAL525 Datasheet (HTML) - List of Unclassifed Manufacturers


HAL525 Product details

[Micronas]

Introduction
The HAL525 and HAL535 are Hall switches produced in CMOS technology. The sensors include a temperature-compensated Hall plate with active offset compensation, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off.

Features
– switching offset compensation at typically 115 kHz
– operates from 3.8 V to 24 V supply voltage
– operates with static magnetic fields and dynamic magnetic fields up to 10 kHz
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against mechanical stress effects
– short-circuit protected open-drain output by thermal shut down
– constant switching points over a wide supply voltage range
– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics
– ideal sensor for window lifter, ignition timing, and revolution counting in extreme automotive and industrial environments
– EMC corresponding to DIN 40839




Similar Part No. - HAL525

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL525 MICRONAS-HAL525 Datasheet
1Mb / 24P
Hall-Effect Switches
HAL525SF-E MICRONAS-HAL525SF-E Datasheet
1Mb / 24P
Hall-Effect Switches
HAL525SF-K MICRONAS-HAL525SF-K Datasheet
1Mb / 24P
Hall-Effect Switches
HAL525UA-E MICRONAS-HAL525UA-E Datasheet
1Mb / 24P
Hall-Effect Switches
HAL525UA-K MICRONAS-HAL525UA-K Datasheet
1Mb / 24P
Hall-Effect Switches
More results


Similar Description - HAL525

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com