Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL525 Datasheet (PDF) - Micronas

HAL525 Datasheet PDF - Micronas
Part # HAL525
Download  HAL525 Download
File Size   1285.13 Kbytes
Page   24 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall-Effect Switches

HAL525 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL525 Datasheet PDF - Micronas

Part # HAL525
Download  HAL525 Click to download

File Size   1285.13 Kbytes
Page   24 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall-Effect Switches

HAL525 Datasheet (HTML) - Micronas


HAL525 Product details

Introduction

The Hall switches HAL 525 and HAL 526 are produced in CMOS technology. These sensors include a temperature-compensated Hall plate with active offset compensation, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off.



Features

– operates from 3.8 V to 24 V supply voltage

– operates with static magnetic fields and dynamic magnetic fields up to 10 kHz

– overvoltage protection at all pins

– reverse-voltage protection at VDD-pin

– magnetic characteristics are robust against mechanical stress effects

– short-circuit protected open-drain output by thermal shut down

– constant switching points over a wide supply voltage range

– the decrease of magnetic flux density caused by rising temperature in the sensor system is compen sated by a built-in negative temperature coefficient of the magnetic characteristics

– ideal sensor for window lifter, ignition timing, and revolution counting in extreme automotive and industrial environments

– EMC corresponding to ISO 7637



 




Similar Part No. - HAL525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL525SF-A ETC-HAL525SF-A Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL525SF-E ETC-HAL525SF-E Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL525SF-K ETC-HAL525SF-K Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL525UA-A ETC-HAL525UA-A Datasheet
292Kb / 21P
Hall Effect Sensor IC
More results


Similar Description - HAL525

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
Chopper-Stabilized Omnipolar Hall-Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
3113 ALLEGRO-3113 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
Chopper Stabilized Precision Hall Effect Switches
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
Micropower, Ultrasensitive Hall-Effect Switches
APS11060 ALLEGRO-APS11060 Datasheet
1Mb / 21P
Vertical and Planar Hall-Effect Switches
May 12, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com