Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.41 Datasheet (PDF) - ELMOS Semiconductor AG

E910.41 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.41
Download  E910.41 Download
File Size   119.52 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Hall sensor- and contact monitor (8 channel, parallel interface)

E910.41 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.41 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.41
Download  E910.41 Click to download

File Size   119.52 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Hall sensor- and contact monitor (8 channel, parallel interface)

E910.41 Datasheet (HTML) - ELMOS Semiconductor AG


E910.41 Product details

DESCRIPTION
The IC is developed for automotive applications. It continuously monitors up to 8 hall sensors or switches to GND.
The input currents are compared to internal references. Currents exceeding – 11mA will force a logic ‘0’ at the output, while currents higher than -6mA will result in a logic ‘1’ at the output.

FEATURES
► Supply voltage range VS 5.25 to 25V
► Supply voltage range VDD 4.75 to 5.25V
► Maximum overvoltage protection up to 40V
► Low standby current (typical IS = 13µA)
► Contact status monitoring by comparison of the switch resistance with internal reference
► Inputs are current limited
► High noise immunity
► Overtemperatur protected
► – 40°C to + 125 ºC operating temperature
► SO20w package

APPLICATION
► Automotive electronics
► Monitor for Hall Sensors
► Monitor for mechanical switches




Similar Part No. - E910.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results


Similar Description - E910.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
Contact monitor (8 channel to VBAT, parallel interface)
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.52 ELMOS-E910.52 Datasheet
124Kb / 1P
Contact monitor to GND or VBAT (16 channel, serial interface)
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com