Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.35 Datasheet (PDF) - ELMOS Semiconductor AG

E910.35 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.35
Download  E910.35 Download
File Size   128.64 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)

E910.35 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.35 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.35
Download  E910.35 Click to download

File Size   128.64 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)

E910.35 Datasheet (HTML) - ELMOS Semiconductor AG


E910.35 Product details

DESCRIPTION
The IC is developed for automotive applications. It continuously monitors the status of two groups of switch contacts connected to GND or VBAT.
The input currents are compared to internal references. The IC is designed to operate with an external resistor of 1kÝ.

FEATURES
► Programmable input current of 1mA / 10mA
► Supply voltage range VS 5.25 to 25V
► Supply voltage range VDD 4.75 to 5.25V
► Maximum overvoltage protection up to 40V
► Low standby current (typical < 10µA)
► Contact status monitoring by comparing the switch resistance with the internal reference
► High noise immunity
► – 40°C to + 125 ºC operating temperature
► SO24w package

APPLICATION
► Automotive electronics
► Monitor for mechanical switches
► Monitor for interface levels




Similar Part No. - E910.35

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
Contact monitor (8 channel to VBAT, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
LCD controller, driver for grey scale, ECB color displays
More results


Similar Description - E910.35

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.34 ELMOS-E910.34 Datasheet
123Kb / 1P
Contact monitor (8 channel to VBAT, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.52 ELMOS-E910.52 Datasheet
124Kb / 1P
Contact monitor to GND or VBAT (16 channel, serial interface)
logo
Device Engineering Inco...
DEI1166 DEIAZ-DEI1166 Datasheet
261Kb / 11P
OCTAL GND/OPEN INPUT PARALLEL OUTPUT INTERFACE IC
DEI1167 DEIAZ-DEI1167 Datasheet
91Kb / 8P
OCTAL GND/OPEN INPUT PARALLEL OUTPUT INTERFACE IC
DEI1198 DEIAZ-DEI1198 Datasheet
234Kb / 12P
8CH GND/OPEN PARALLEL OUTPUT DISCRETE INTERFACE IC
logo
Belden Inc.
29541 BELDEN-29541 Datasheet
244Kb / 3P
VFD 300% Gnd, 3CIG #4 Str TC, XLPO InsPVC Gnd
logo
Schneider Electric
TM3XTYS4 SCHNEIDER-TM3XTYS4 Datasheet
200Kb / 7P
Parallel interface module, Modicon TM3, 4 Tesys motors
Apr 4, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com