Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.34 Datasheet (PDF) - ELMOS Semiconductor AG

E910.34 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.34
Download  E910.34 Download
File Size   123.2 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Contact monitor (8 channel to VBAT, parallel interface)

E910.34 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.34 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.34
Download  E910.34 Click to download

File Size   123.2 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Contact monitor (8 channel to VBAT, parallel interface)

E910.34 Datasheet (HTML) - ELMOS Semiconductor AG


E910.34 Product details

DESCRIPTION
The IC monitors the status of all switch contact connected to VS continuously .
The input currents are compared with the current of an internal reference resistor. The IC is designed to operate with an external series resistor RIN0 to RIN7 of 1kÝ. The current, driven through the contacts keeps their resistance low.

FEATURES
♦ Supply voltage range VDD 4.25V to 5.25V
♦ Monitor supply voltage range VS 5.25V to 25V
♦ Maximum overvoltage protection up to 40V
♦ Internal clamp diodes at each input to VS and GND
♦ Low standby current (typical < 10µA)
♦ Contact status monitoring by comparison of the resistance at the inputs with an internal reference
♦ High noise immunity
♦ – 40°C to + 125°C operating temperature
♦ SO20w package

APPLICATION
► Automotive electronics
► Monitor for mechanical switches
► Monitor for voltage levels




Similar Part No. - E910.34

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
LCD controller, driver for grey scale, ECB color displays
More results


Similar Description - E910.34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
E910.33 ELMOS-E910.33 Datasheet
123Kb / 1P
Contact monitor (8 channel to GND, parallel interface)
E910.35 ELMOS-E910.35 Datasheet
128Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, adjustable, parallel interface)
E910.36 ELMOS-E910.36 Datasheet
122Kb / 1P
Contact monitor (4 * GND & 4 * VBAT, parallel interface)
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.52 ELMOS-E910.52 Datasheet
124Kb / 1P
Contact monitor to GND or VBAT (16 channel, serial interface)
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
STMicroelectronics
STM32F446MC STMICROELECTRONICS-STM32F446MC Datasheet
2Mb / 201P
8- to 14-bit parallel camera interface up to 54 Mbytes
03-Nov-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com