Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.40 Datasheet (PDF) - ELMOS Semiconductor AG

E910.40 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.40
Download  E910.40 Download
File Size   129.35 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Sensorless position control of DC-motors

E910.40 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.40 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.40
Download  E910.40 Click to download

File Size   129.35 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Sensorless position control of DC-motors

E910.40 Datasheet (HTML) - ELMOS Semiconductor AG


E910.40 Product details

DESCRIPTION
The IC enables a µC to track the position of a DC-motor by counting its current ripples. The ripple signal is available on an output pin to connect controllers or dedicated logic. With the bidirectional interface the actual position can be read out and IC parameters can be changed. Main parameters are motor direction and PWM to control high side drivers. The IC can be adapted to different motor characteristics by changing the RC-filter on ODIF, IDIF, OLP and the voltage divider on BRTH.

FEATURES
► Supply voltage range VDD 9V to 16V
► Full motor control and diagnosis
► Driving a four N-channel-power-MOSFET full bridge
► Pulse width modulation with 8bit resolution for high side drivers
► Drive frequency 23 kHz
► Reduced current peaks during motor start and acceleration
► Active motor braking
► Motor position determined by sensing motor current fluctuations
► Shortcircuit and overvoltage protected outputs
► One pin microprocessor interface with automatic baud rate recognition
► Motor turned off automatically 200 ms after the last valid transmission
► Low standby current (typ. < 200 µA)
► – 40°C to + 125°C operating temperature
► SO20w package

APPLICATION
► Seat adjustment
► Steering column adjustment
► Fuel pump




Similar Part No. - E910.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.45 ELMOS-E910.45 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results


Similar Description - E910.40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
Sensorless position control of DC-motors, with drivers
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
Sensorless speed control of DC-motors
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
Accurate and reliable control of motors
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
Enhanced sensorless startup control of BLDC motors using ST7FMC
02-Mar-2007
logo
Toshiba Semiconductor
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com