Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.45 Datasheet (PDF) - ELMOS Semiconductor AG

E910.45 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.45
Download  E910.45 Download
File Size   117.72 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver with voltage regulator

E910.45 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.45 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.45
Download  E910.45 Click to download

File Size   117.72 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description LIN transceiver with voltage regulator

E910.45 Datasheet (HTML) - ELMOS Semiconductor AG


E910.45 Product details

DESCRIPTION
The IC is designed for LIN slave applications. The microcontroller is completely protected from the harsh automotive environment.

FEATURES
► Supply voltage range VS 5.25V to 18V
► LIN-Bus transceiver, up to 20kBaud
► Output driver with slewrate control
► Very low standby current (<30µA typical)
► Bus input voltage range from
    – 24V to + 30V (independent of VS)
► Wake up function via bus
► Regulator output voltage 5V, ±1.5%, 100mA, current limitation
► Reset with two reset times (15ms and 100ms) and two reset levels:
    E910.18: 3.15V and 4.65V
    E910.45: 3.15V and 3.95V
► Undervoltage recognition, fixed threshold at typ. 7.3V
► Over temperature protection
► Universal comparator with high voltage input
► – 40°C to + 125°C operating temperature
► SO16w package

APPLICATION
► Automotive bus systems
► Body electronics
► Comfort electronics




Similar Part No. - E910.45

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.41 ELMOS-E910.41 Datasheet
119Kb / 1P
Hall sensor- and contact monitor (8 channel, parallel interface)
E910.43 ELMOS-E910.43 Datasheet
103Kb / 1P
LIN transceiver
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
E910.46 ELMOS-E910.46 Datasheet
176Kb / 1P
EC motor control
More results


Similar Description - E910.45

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2025 MICROCHIP-MCP2025_14 Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com