Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.94 Datasheet (PDF) - ELMOS Semiconductor AG

E910.94 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.94
Download  E910.94 Download
File Size   128.58 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Sensorless speed control of DC-motors

E910.94 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.94 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.94
Download  E910.94 Click to download

File Size   128.58 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Sensorless speed control of DC-motors

E910.94 Datasheet (HTML) - ELMOS Semiconductor AG


E910.94 Product details

DESCRIPTION
The IC is designed to control the speed of DC-motors. In order to determine the motor speed the commutation-related ripple of the motor current is evaluated and converted to a 5V digital signal for the µC. The filtered motor current is also buffered and provided to the µC’s ADC. Many types of motors can be adapted with appropriate filter design.

FEATURES
► Supply voltage range VDD 7V to 16V
► Low standby current typ. 40µA
► Speed regulation using the ripple signal of motor current
► Evaluation of commutation ripple signal
► Fully protected half bridge (slew rate, gate voltage and temperature)
► Overlap free PWM actuation for external power MOS half bridge
► Internal charge pump for 100% actuation
► Adjustable maximum motor voltage
► Conditioning of motor current for external µP and ADC
► Watch dog with emergency function depending on the Kl. 15 signal
► CRASH input for emergency shutoff of pump
► STATUS output for failure analysis
► Over voltage shutdown
► Over temperature shutdown
► – 40°C to + 125°C operating temperature
► SO 24w package

APPLICATION
► Fuel and hydraulic pumps regulator
► Fan regulator
► Speed regulator




Similar Part No. - E910.94

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.97 ELMOS-E910.97 Datasheet
811Kb / 9P
INTERGRATED CIRCUIT FOR PIR SMART SENSOR
More results


Similar Description - E910.94

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
PWM Speed Control for Permanent Excited DC Motors
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
logo
STMicroelectronics
TDA1154 STMICROELECTRONICS-TDA1154 Datasheet
66Kb / 6P
SPEED REGULATOR FOR DC MOTORS
Mar-1993
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
Sensorless position control of DC-motors, with drivers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
Accurate and reliable control of motors
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
Enhanced sensorless startup control of BLDC motors using ST7FMC
02-Mar-2007
logo
Dialog Semiconductor
CCU2350 DIALOG-CCU2350 Datasheet
362Kb / 11P
PWM Speed Control for Permanent Excited DC Motors
logo
Renesas Technology Corp
CCU2350 RENESAS-CCU2350 Datasheet
468Kb / 12P
PWM Speed Control for Permanent Excited DC Motors
31-Oct-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com