Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS208D1LDV Datasheet (PDF) - Infineon Technologies AG

TLS208D1LDV Datasheet PDF - Infineon Technologies AG
Part # TLS208D1LDV
Download  TLS208D1LDV Download
File Size   1796.67 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Linear Voltage Post Regulator

TLS208D1LDV Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS208D1LDV Datasheet PDF - Infineon Technologies AG

Part # TLS208D1LDV
Download  TLS208D1LDV Click to download

File Size   1796.67 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Linear Voltage Post Regulator

TLS208D1LDV Datasheet (HTML) - Infineon Technologies AG


TLS208D1LDV Product details

Features
• 3.3 V Fixed and Adjustable Output Voltage from 0.8 V to 5.25 V
• Output Voltage Accuracy of ± 2 %
• Static Output Currents up to 800 mA
• Enable Functionality
• Undervoltage Reset with Power-On Reset Delay
• Adjustable Reset Threshold
• Extended Input Voltage Operating Range of 2.7 V to 18 V
• Low Dropout Voltage: typ. 400mV at 400mA
• Very Low Current Consumption: typ. 90 μA
• Very High PSRR: typ. 62dB at 10kHz
• Output Current Limitation
• Overtemperature Shutdown
• Wide Temperature Range From -40 °C up to 150 °C
• Suitable for Use in Automotive Electronics as Post Regulator
• Green Product (RoHS compliant)
• AEC Qualified

Description
The TLS208D1 is a monolithic integrated linear voltage post regulator. The IC regulates an input voltage VI in the
range of 2.7 V ≤ VI ≤ 18 V to an adjustable output voltage of 0.8 V to 5.25 V or to a fixed output voltage with a
precision of ±2 %. The TLS208D1 is especially designed for applications with a permanent connection to
preregulators like DCDC converters. The device is available in the small surface mounted PG-DSO-8 (Exposed
Pad) package. In addition to the enable functionality, the feature set includes a reset with an adjustable reset
threshold. This threshold can be modified by an external resistor divider. The device is designed for the harsh
environment of automotive applications. Therefore it is protected against overload, short circuit and
overtemperature conditions by the implemented output current limitation and the overtemperature shutdown
circuit. The TLS208D1 can be also used in all other applications requiring a stabilized voltage of 0.8 V to 5.25 V.
The input capacitor CI is recommended for compensating line influences. The output capacitor CQ is necessary
for the stability of the regulating circuit. Stability is guaranteed at values specified in “Functional Range” on
Page 8 within the whole operating temperature range.




Similar Part No. - TLS208D1LDV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1LDV INFINEON-TLS208D1LDV Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1LDV33 INFINEON-TLS208D1LDV33 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
More results


Similar Description - TLS208D1LDV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com