Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL3020 Datasheet (PDF) - Vishay Siliconix

VCNL3020 Datasheet PDF - Vishay Siliconix
Part # VCNL3020
Download  VCNL3020 Download
File Size   186.48 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL3020 Datasheet PDF - Vishay Siliconix

Part # VCNL3020
Download  VCNL3020 Click to download

File Size   186.48 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL3020 Datasheet (HTML) - Vishay Siliconix


VCNL3020 Product details

DESCRIPTION
The VCNL3020 is a fully integrated proximity sensor. Fully
integrated means that the infrared emitter is included in the
package. It has 16 bit resolution. It includes a signal
processing IC and features standard I2C communication
interface. It features an interrupt function.

APPLICATIONS
• Proximity sensor for mobile devices (e.g. smart phones,
touch phones, PDA, GPS) for touch screen locking, power
saving, etc.
• Proximity / optical switch for consumer, computing and
industrial devices and displays

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.90 x 2.40 x 0.83
• Integrated modules: infrared emitter (IRED),
proximity sensor (PD), and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 5 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

PROXIMITY FUNCTION
• Built-in infrared emitter and photo-pin-diode for proximity
function
• 16 bit effective resolution for proximity detection range
ensures excellent cross talk immunity
• Programmable LED drive current from 10 mA to 200 mA in
10 mA steps
• Excellent ambient light suppression by signal modulation
• Proximity distance up to 200 mm




Similar Part No. - VCNL3020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020 Datasheet
188Kb / 13P
Fully Integrated Proximity Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
25-Jun-12
VCNL3020 VISHAY-VCNL3020 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL3020-GS08 VISHAY-VCNL3020-GS08 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL3020-GS18 VISHAY-VCNL3020-GS18 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL3020 VISHAY-VCNL3020_V02 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
More results


Similar Description - VCNL3020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020 Datasheet
188Kb / 13P
Fully Integrated Proximity Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
25-Jun-12
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL3030X01 VISHAY-VCNL3030X01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
12-Aug-2020
VCNL3020 VISHAY-VCNL3020_V02 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com