Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4020C Datasheet (PDF) - Vishay Siliconix

VCNL4020C Datasheet PDF - Vishay Siliconix
Part # VCNL4020C
Download  VCNL4020C Download
File Size   215.05 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications With I2C Interface

VCNL4020C Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL4020C Datasheet PDF - Vishay Siliconix

Part # VCNL4020C
Download  VCNL4020C Click to download

File Size   215.05 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications With I2C Interface

VCNL4020C Datasheet (HTML) - Vishay Siliconix


VCNL4020C Product details

DESCRIPTION
The VCNL4020C is a fully integrated biosensor and ambient
light sensor. Fully integrated means that the infrared emitter
is included in the package. It has 16 bit resolution. It
includes a signal processing IC and features standard I2C
communication interface. It features an interrupt function.

APPLICATIONS
• Wearables
• Health monitoring
• Pulse oximetry

FEATURES
• Package type: surface-mount
• Package form: SMD
• Dimensions (L x W x H in mm): 4.90 x 2.40 x 0.83
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), photo diode (PD),
and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 5 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

OPTICAL BIOSENSORS FUNCTION
• Built-in infrared emitter and broader sensitivity
photodiode allows to also work with green and red LEDs
• 16 bit effective resolution ensures excellent cross talk
immunity
• Programmable LED drive current from 10 mA to 200 mA in
10 mA steps
• Excellent ambient light suppression through signal
modulation

AMBIENT LIGHT FUNCTION
• Built-in ambient light photo-pin-diode with
close-to-human-eye sensitivity
• 16 bit dynamic range from 0.25 lx to 16 klx
• 100 Hz and 120 Hz flicker noise rejection




Similar Part No. - VCNL4020C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
VCNL4020C VISHAY-VCNL4020C Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C-GS08 VISHAY-VCNL4020C-GS08 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C-GS18 VISHAY-VCNL4020C-GS18 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C VISHAY-VCNL4020C_V02 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results


Similar Description - VCNL4020C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications
18-Mar-2020
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036 VISHAY-VCNL3036_V01 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036 VISHAY-VCNL3036_V02 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V02 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com