Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL3036 Datasheet (PDF) - Vishay Siliconix

VCNL3036 Datasheet PDF - Vishay Siliconix
Part # VCNL3036
Download  VCNL3036 Download
File Size   226.58 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications

VCNL3036 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL3036 Datasheet PDF - Vishay Siliconix

Part # VCNL3036
Download  VCNL3036 Click to download

File Size   226.58 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications

VCNL3036 Datasheet (HTML) - Vishay Siliconix


VCNL3036 Product details

• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.36 x 0.75
• Integrated modules: biosensor (BIO), photo
diode (PD), and signal conditioning IC
• Temperature compensation: -25 °C to +85 °C
• Low power consumption I2C (SMBus
compatible) interface
• Output type: I2C bus
• Operation voltage: 2.5 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020




Similar Part No. - VCNL3036

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS08 VISHAY-VCNL3036-GS08 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS08 VISHAY-VCNL3036-GS08 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS18 VISHAY-VCNL3036-GS18 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
More results


Similar Description - VCNL3036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5717 TOSHIBA-2SC5717 Datasheet
141Kb / 5P
Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications.
logo
NEC
2SA1544 NEC-2SA1544 Datasheet
121Kb / 2P
High-Resolution Monitor TV Applications
logo
Texas Instruments
TPS62770 TI1-TPS62770 Datasheet
2Mb / 37P
Multi-Rail DC/DC Converter For Wearable Applications
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036_V01 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V01 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL3036 VISHAY-VCNL3036_V02 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V02 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com