Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32625 Datasheet (PDF) - Maxim Integrated Products

MAX32625 Datasheet PDF - Maxim Integrated Products
Part # MAX32625
Download  MAX32625 Download
File Size   1029.16 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Microcontroller for Wearable Devices

MAX32625 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX32625 Datasheet PDF - Maxim Integrated Products

Part # MAX32625
Download  MAX32625 Click to download

File Size   1029.16 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Microcontroller for Wearable Devices

MAX32625 Datasheet (HTML) - Maxim Integrated Products


MAX32625 Product details

General Description
The MAX32625/MAX32626 is an ARM® Cortex®-M4F 32-bit microcontroller with an unconnected point unit, ideal for the emerging category of wearable medical and fitness applications. The architecture combines ultra-low power, high-efficiency signal processing functionality and ease of use. An internal 96MHz oscillator provides high-performance capability, and the internal 4MHz oscillator supports minimal power consumption for applications requiring always-on monitoring. The device provides 512kB of flash and 160kB of SRAM.
The device features four powerful and flexible power modes. A peripheral management unit (PMU) enables intelligent peripheral control with up to six channels to significantly reduce power consumption. Built-in dynamic clock gating and firmware-controlled power gating allows the user to optimize power for the specific application.

Benefits and Features
● High-Efficiency Microcontroller for Wearable Devices
   • Internal Oscillator Operates Up to 96MHz
   • Low Power 4MHz Oscillator System Clock Option
      for Always-On Monitoring Applications
   • 512KB Flash Memory (256KB “L” Version)
   • 160KB SRAM (128KB “L” Version)
   • 8KB Instruction Cache
   • 1.2V Core Supply Voltage
   • 1.8V to 3.3V I/O
   • Optional 3.3V ±5% USB Supply Voltage
   • Wide Operating Temperature: -30°C to +85°C
● Power Management Maximizes Uptime for Battery
   Applications
   • 106μA/MHz Active Current Executing from Cache
   • 49μA/MHz Active Current Executing from Flash
   • Wake-Up to 96MHz Clock or 4MHz Clock
   • 600nA Low Power Mode (LP0) Current with RTC
      Enabled
   • 2.56μW Ultra-Low Power Data Retention Sleep
      Mode (LP1) with Fast 5μs Wake-Up on 96MHz
      Clock Source
   • 27μA/MHz Low Power Mode (LP2) Current
● Optimal Peripheral Mix Provides Platform Scalability
   • SPI Execute in Place (SPIX) Engine for Memory
      Expansion with Minimal Footprint
   • Three SPI Masters, One SPI Slave
   • Three UARTs
   • Up to Two I2C Masters, One I2C Slave
   • 1-Wire Master
   • Full-Speed USB 2.0 Device with Internal
      Transceiver
   • Sixteen Pulse Train (PWM) Engines
   • Six 32-Bit Timers and 3 Watchdog Timers
   • Up to 40 General-Purpose I/O Pins
   • 10-Bit Delta-Sigma ADC Operating at 7.8ksps
   • AES -128, -192, -256
   • CMOS-Level 32kHz RTC Output Available in All
      Power Modes
● Secure Valuable IP and Data with Robust Internal
   Hardware Security (MAX32626 Only)
   • Trust Protection Unit (TPU) Provides ECDSA and
      Modular Arithmetic Acceleration Support
   • PRNG Seed Generator
   • Secure Boot Loader

Applications
● Sports Watches
● Fitness Monitors
● Wearable Medical Patches
● Portable Medical Devices
● Sensor Hubs




Similar Part No. - MAX32625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results


Similar Description - MAX32625

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
The High Efficiency Red Source Color Devices
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
The High Efficiency Red Source color Devices
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
Wearable electronic & IoT devices ??Memory backup circuits
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
Power Solution for Wearable AMOLED Products
logo
OmniVision Technologies...
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
Wearable Devices
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
Wrist-Worn Wearable Devices
Rev 0; 5/17
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications
18-Mar-2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com