Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5717 Datasheet (PDF) - Toshiba Semiconductor

2SC5717 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5717
Download  2SC5717 Download
File Size   141.82 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications.

2SC5717 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5717 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5717
Download  2SC5717 Click to download

File Size   141.82 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications.

2SC5717 Datasheet (HTML) - Toshiba Semiconductor


2SC5717 Product details

Horizontal Deflection Output for Super High Resolution

Display, Color TV, Digital TV.

High Speed Switching Applications.



 High voltage: VCBO= 1500 V

 Low saturation voltage: VCE (sat)= 3 V (max)

 High speed: tf(2) = 0.1 µs (typ.)




Similar Part No. - 2SC5717

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5710 SANYO-2SC5710 Datasheet
37Kb / 5P
DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SC5710 ISC-2SC5710 Datasheet
256Kb / 2P
Silicon NPN Power Transistor
2SC5710 ISC-2SC5710 Datasheet
237Kb / 2P
Silicon NPN Power Transistor
2SC5710-251 ISC-2SC5710-251 Datasheet
256Kb / 2P
Silicon NPN Power Transistor
2SC5710-252 ISC-2SC5710-252 Datasheet
237Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2SC5717

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5142 TOSHIBA-2SC5142 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5445 TOSHIBA-2SC5445 Datasheet
244Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5570 TOSHIBA-2SC5570 Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5587 TOSHIBA-2SC5587 Datasheet
239Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5589 TOSHIBA-2SC5589 Datasheet
222Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE ((HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5695 TOSHIBA-2SC5695 Datasheet
139Kb / 5P
Horizontal Deflection Output for High Resolution Display, Color TV
2SC5856 TOSHIBA-2SC5856 Datasheet
235Kb / 6P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV, DIGITAL TV HIGH SPEED SWITCHING APPLICATIONS
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com