Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5587 Datasheet (PDF) - Toshiba Semiconductor

2SC5587 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5587
Download  2SC5587 Download
File Size   239.3 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SC5587 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5587 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5587
Download  2SC5587 Click to download

File Size   239.3 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SC5587 Datasheet (HTML) - Toshiba Semiconductor


2SC5587 Product details

HORIZONTAL DEFLECTION OUTPUT FOR HIGH

RESOLUTION

DISPLAY, COLOR TV

HIGH SPEED SWITCHING APPLICATIONS



High Voltage : VCBO = 1500 V

Low Saturation Voltage : VCE (sat) = 3 V (Max.)

High Speed : tf (2) = 0.1 µs (Typ.)




Similar Part No. - 2SC5587

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SC5583 PANASONIC-2SC5583 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
45Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5584 PANASONIC-2SC5584 Datasheet
164Kb / 11P
Horizontal Deflection Transistor Series for TV
logo
Inchange Semiconductor ...
2SC5584 ISC-2SC5584 Datasheet
273Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC5587

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5129 TOSHIBA-2SC5129 Datasheet
210Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5142 TOSHIBA-2SC5142 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5331 TOSHIBA-2SC5331 Datasheet
185Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5445 TOSHIBA-2SC5445 Datasheet
244Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5570 TOSHIBA-2SC5570 Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5589 TOSHIBA-2SC5589 Datasheet
222Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE ((HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2498 TOSHIBA-2SD2498 Datasheet
200Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2553 TOSHIBA-2SD2553 Datasheet
222Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com