Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4040 Datasheet (PDF) - Vishay Siliconix

VCNL4040 Datasheet PDF - Vishay Siliconix
Part # VCNL4040
Download  VCNL4040 Download
File Size   435.26 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL4040 Datasheet PDF - Vishay Siliconix

Part # VCNL4040
Download  VCNL4040 Click to download

File Size   435.26 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL4040 Datasheet (HTML) - Vishay Siliconix


VCNL4040 Product details

DESCRIPTION
VCNL4040 integrates a proximity sensor (PS), ambient
light sensor (ALS), and a high power IRED into one small
package. It incorporates photodiodes, amplifiers, and
analog to digital converting circuits into a single chip by
CMOS process. The 16-bit high resolution ALS offers
excellent sensing capabilities with sufficient selections to
fulfill most applications whether dark or high transparency
lens design. High and low interrupt thresholds can be
programmed for both ALS and PS, allowing the component
to use a minimal amount of the microcontrollers resources.
The proximity sensor features an intelligent cancellation
scheme, so that cross talk phenomenon is eliminated
effectively. To accelerate the PS response time, smart
persistence prevents the misjudgment of proximity sensing
but also keeps a fast response time. In active force mode, a
single measurement can be requested, allowing another
good approach for more design flexibility to fulfill different
kinds of applications with more power saving.
The patented FiltronTM technology achieves ambient light
spectral sensitivity closest to real human eye response and
offers the best background light cancellation capability
(including sunlight) without utilizing the microcontrollers’
resources. VCNL4040 provides an excellent temperature
compensation capability for keeping output stable under
various temperature configurations. ALS and PS functions
are easily set via the simple command format of I2C
(SMBus compatible) interface protocol. Operating voltage
ranges from 2.5 V to 3.6 V. VCNL4040 is packaged in a
lead (Pb)-free 8-pin molding package, which offers the best
market-proven reliability quality.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.0 x 1.1
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), proximity sensor
(PS), and signal conditioning IC
• Operates ALS and PS in parallel structure
• FiltronTM technology adoption for robust
background light cancellation
• Temperature compensation: -40 °C to +85 °C
• Low power consumption I2C (SMBus compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus (ALS / PS)
• Operation voltage: 2.5 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PROXIMITY FUNCTION
• Immunity to red glow (940 nm IRED)
• Programmable IRED sink current
• Intelligent cancellation to reduce cross talk phenomenon
• Smart persistence scheme to reduce PS response time
• Selectable for 12- / 16-bit PS output data

AMBIENT LIGHT FUNCTION
• High accuracy of ALS ±10 %
• Fluorescent light flicker immunity
• Spectrum close to real human eye responses
• Selectable maximum detection range (819 / 1638 / 3277 /
6553) lux with highest sensitivity 0.0125 lux/step

INTERRUPT
• Programmable interrupt function for ALS and PS with
upper and lower thresholds
• Adjustable persistence to prevent false triggers for ALS
and PS

APPLICATIONS
• Handheld device
• Notebook, tablet PC
• Consumer device
• Industrial application




Similar Part No. - VCNL4040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4040 VISHAY-VCNL4040 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040 VISHAY-VCNL4040 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
VCNL4040M3OE VISHAY-VCNL4040M3OE Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040M3OE-H3 VISHAY-VCNL4040M3OE-H3 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
VCNL4040M3OE-H5 VISHAY-VCNL4040M3OE-H5 Datasheet
494Kb / 23P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
02-Mar-15
More results


Similar Description - VCNL4040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL4010 VISHAY-VCNL4010_V01 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V01 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
VCNL4040 VISHAY-VCNL4040_V02 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com