Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4040 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL4040 Datasheet HTML 1Page - Vishay Siliconix VCNL4040 Datasheet HTML 2Page - Vishay Siliconix VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
2
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Adjustable through I2C interface
Notes
(1) MOQ: minimum order quantity
(2) The interposers are necessary when the component needs to be brought closer to a cover glass and the customers mechanical stack up
does not allow for this with the standard height component (VCNL4040M3OE)
PRODUCT SUMMARY
PART
NUMBER
OPERATING
RANGE
(mm)
OPERATING
VOLTAGE
RANGE
(V)
I2C BUS
VOLTAGE
RANGE
(V)
IRED PULSE
CURRENT (1)
(mA)
AMBIENT
LIGHT
RANGE
(lx)
AMBIENT
LIGHT
RESOLUTION
(lx)
OUTPUT
CODE
ADC RESOLUTION
PROXIMITY /
AMBIENT LIGHT
VCNL4040
0 to 200
2.5 to 3.6
1.8 to 3.6
200
0.0125 to 6553
0.0125
16 bit, I2C
16 bit / 16 bit
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNL4040M3OE
Tape and reel
MOQ: 2500 pcs
4.0 mm x 2.0 mm x 1.1 mm
VCNL4040M3OE-H3 (2)
MOQ: 1500 pcs
4.34 mm x 2.35 mm x 3.25 mm
VCNL4040M3OE-H5 (2)
4.34 mm x 2.35 mm x 3.65 mm
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-40
+85
°C
Storage temperature range
Tstg
-40
+100
°C
RECOMMENDED OPERATING CONDITIONS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-40
+85
°C
I2C bus operating frequency
f(I2CCLK)
10
400
kHz
PIN DESCRIPTIONS
PIN ASSIGNMENT
SYMBOL
TYPE
FUNCTION
1
GND
I
Ground
2
CATHODE
I
Cathode (sensor) connection
3VDD
I
Power supply input
4ANODE
I
Anode for IRED
5
CATHODE
I
Cathode (LED) connection
6
INT
O
Interrupt pin
7
SDAT
I / O (open drain)
I2C data bus data input / output
8SCLK
I
I2C digital bus clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com