Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25239 Datasheet (PDF) - Analog Devices

MAX25239 Datasheet PDF - Analog Devices
Part # MAX25239
Download  MAX25239 Download
File Size   1482.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive 2V to 36V, 6A Buck-Boost Converters

MAX25239 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25239 Datasheet PDF - Analog Devices

Part # MAX25239
Download  MAX25239 Click to download

File Size   1482.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive 2V to 36V, 6A Buck-Boost Converters

MAX25239 Datasheet (HTML) - Analog Devices


MAX25239 Product details

General Description
The MAX25239/MAX25240 are small, synchronous, buckboost
converters with integrated H-bridge switches. These
ICs provide a fixed-output regulation voltage and an externally
adjustable output voltage in the 3V to 20V range
with an input voltage above, below, or equal to the output
regulation voltage. The IC has typical 8.2A and 10A input
current limit options and can support continuous load currents
up to 6A depending on the input-to-output voltage
ratio and operating frequency. It also has a wide input voltage
range of 2V to 36V.
The MAX25239/MAX25240 have three switching frequency
options: 2.1MHz, 400kHz, and 200kHz. The 2.1MHz
high switching frequency allows small external components
and reduced output ripple, and guarantees no AM
band interference, while the 400kHz or 200kHz switching
frequency offers better efficiency and relieves the power
consumption concern. The SYNC input allows three operation
modes: skip mode with ultra-low quiescent current,
forced fixed-frequency PWM operation, and synchronization
to an external clock. The IC also includes spreadspectrum
frequency modulation to minimize EMI interference.
The MAX25239/MAX25240 feature a power-OK (POK) indicator,
undervoltage lockout, overvoltage protection, cycle-
by-cycle current limit, and thermal shutdown. The ICs
are available in a small, 4.25mm x 4.25mm x 0.75mm,
22-pin FC2QFN package.

Benefits and Features
● Meets Stringent Automotive Quality and Reliability
Requirements
• 2V to 36 Operating Input Voltage Range Allows
Operation in Cold-Crank Conditions
• Tolerates Input Transients up to 42V
• EN Pin Compatible up to 42V
• 8.2A/10A Typical Input Current Limit
• Fixed and Adjustable Output Voltage Options
• -40°C to +125°C Grade 1 Automotive Temperature
Range
● AEC-Q100 Qualified High Integration and Thermally
Enhanced Package Reduces BOM Cost and Board
Space
• Integrated FETs H-Bridge Architecture
• 2.1MHz/400kHz/200kHz Switching Frequency
Options
• Phase-Locked Loop (PLL) Frequency
Synchronization
• Thermally Enhanced, 22-Pin FC2QFN Package
● Low Quiescent Current Meets Stringent OEM Current
Requirements
• 95μA Quiescent Current in Standby Mode
• 10μA Maximum Shutdown Current
● Reduced EMI Emissions at Switching Frequency
• Spread-Spectrum Function Enabled/Disabled by
SPS Pin
● Protection Features Improve System Reliability
• Supply Undervoltage Lockout and Thermal
Protection
• Output PGOOD Indicator, Overvoltage, and Short-
Circuit Protection

Applications
● ADAS ECU
● Infotainment Systems
● Body Electronics
● Start-Stop Systems
● Point-of-Load Power Supplies




Similar Part No. - MAX25239

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25231 MAXIM-MAX25231 Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25231 MAXIM-MAX25231 Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
MAX25231ATCA/V+ MAXIM-MAX25231ATCA/V+ Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
MAX25231ATCB/V+ MAXIM-MAX25231ATCB/V+ Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
MAX25231ATCD/V+ MAXIM-MAX25231ATCD/V+ Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
More results


Similar Description - MAX25239

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2550 CADEKA-CLC2550 Datasheet
1Mb / 11P
Low Power, Low Offset, 2V to 36V Comparators
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
Single Supply Operation: 2V to 36V
logo
Maxim Integrated Produc...
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
logo
Maxim Integrated Produc...
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20048EVKIT MAXIM-MAX20048EVKIT Datasheet
99Kb / 2P
2V to 36V Input Supply Range
logo
Microchip Technology
MIC24066 MICROCHIP-MIC24066 Datasheet
2Mb / 38P
36V, 6A High Performance Switching Buck Regulators
Revision A September 2022
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com