Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX42405 Datasheet (PDF) - Analog Devices

MAX42405 Datasheet PDF - Analog Devices
Part # MAX42405
Download  MAX42405 Download
File Size   1113.21 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 5A/6A Fully Integrated Synchronous Buck Converters

MAX42405 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX42405 Datasheet PDF - Analog Devices

Part # MAX42405
Download  MAX42405 Click to download

File Size   1113.21 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 5A/6A Fully Integrated Synchronous Buck Converters

MAX42405 Datasheet (HTML) - Analog Devices


MAX42405 Product details

General Description
The MAX42405/MAX42406 ICs are tiny synchronous buck converters with integrated high-side and low-side switches. The ICs are designed to deliver up to 6A with wide input voltages ranging from 4.5V to 36V. Voltage quality can be monitored by observing the PGOOD signal. The ICs can operate in dropout by running at a 99% duty cycle, making it ideal for industrial applications.
The MAX42405/MAX42406 offer programmable voltage ranges from 0.8V to 10V. Frequency is internally fixed at 400kHz and 1.5MHz, which allows for small external components and reduced output ripple. The ICs automatically enter skip mode at light loads with ultra-low quiescent current of 10μA at no load. This family of products (including the MAX42408/MAX42410) offers a pin-to-pin compatible offering from 5A to 10A in a single-phase configuration, and up to 20A in a dual-phase configuration. These devices have also been optimized for dual-phase operation with very high current-sharing accuracy.
The MAX42405/MAX42406 are available in a small 3.5mm x 3.75mm, 17-pin Flip-Chip Quad Flat No lead (FC2QFN) package and use very few external components.

Benefits and Features
• Multiple Functions for Small Size
• Operating VIN Range of 4.5V to 36V
• 10μA Quiescent Current in Skip Mode
• Synchronous DC-DC Converter with Integrated Field-Effect Transistors (FETs)
• 400kHz and 1.5MHz Fixed-Frequency Options
• Internal Soft-Start
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• Programmable 0.8V to 10V Output
• 3.5mm x 3.75mm, 17-Pin FC2QFN
• Symmetrical Package Offers Superior Electromagnetic interference (EMI) Performance
• Dual Phase Capability
• Can Be Used in Dual-Phase Configuration for High-Power Design
• Dynamic Current Sharing through Shared VEA Pin
• Low-IQ Operation Capability in Dual Phase
• Precise Output Voltage Monitoring with PGOOD
• Forced–Pulse-Width modulation (PWM) and Skip-Mode Operation
• 99% Duty-Cycle Operation with Low Dropout
• Overtemperature and Short-Circuit Protection
• -40°C to +125°C Operating Temperature Range

Applications
• Industrial Automation
• Point-of-Load
• Distributed DC Power Systems




Similar Part No. - MAX42405

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4240 MAXIM-MAX4240 Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLA+ AD-MAX42402AFLA+ Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLB+ AD-MAX42402AFLB+ Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403 AD-MAX42403 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Similar Description - MAX42405

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Analog Devices
MAX25239 AD-MAX25239 Datasheet
1Mb / 24P
Automotive 2V to 36V, 6A Buck-Boost Converters
Rev 6; 7/22
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com