Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX42402 Datasheet (PDF) - Analog Devices

MAX42402 Datasheet PDF - Analog Devices
Part # MAX42402
Download  MAX42402 Download
File Size   1091.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter

MAX42402 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX42402 Datasheet PDF - Analog Devices

Part # MAX42402
Download  MAX42402 Click to download

File Size   1091.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter

MAX42402 Datasheet (HTML) - Analog Devices


MAX42402 Product details

General Description
The MAX42402/MAX42403 IC are a tiny synchronous buck converter with integrated high-side and low-side switches. The MAX42402/MAX42403 are designed to deliver up to 2.5A/3.5A with a wide, 4.5V to 36V input voltage range. Voltage quality can be monitored by observing the PGOOD signal. The IC can operate in dropout by running at 99% duty cycle, making it ideal for industrial applications.
The MAX42402/MAX42403 offer externally programmable output voltage. Fixed internal frequency options of 1.5MHz/400kHz are available, which allow for small external components and reduced output ripple.
When SYNC is low, the MAX42402/MAX42403 automatically enter skip mode at light loads with an ultra-low quiescent current of 27uA at no load. A pin-selectable forced-PWM mode is also available, which helps to improve EMI performance. The devices have a spread-spectrum frequency modulation option designed to minimize EMI-radiated emissions due to the modulation frequency.
The MAX42402/MAX42403 are available in a small, 3mm x 3mm FC2QFN package and uses very few external components.

Benefits and Features
• Multiple Functions for Small Size
• Operating Input Voltage Range: 4.5V to 36V
• Synchronous DC-DC Converter with Integrated FETs up to 2.5A/3.5A
• 27μA Quiescent Current in Skip Mode
• 1.5MHz/400kHz Switching Frequency
• Spread-Spectrum Option
• 3.5ms (1.5MHz)/2.5ms (400kHz) Internal Soft-Start
• Programmable 0.8V to 12V Output Voltage Range
• 99% Duty Cycle Operation with Low Dropout
• High Precision for Safety-Critical Applications
• Precision Enable Thresholds for Fully Programmable UVLO Thresholds
• Accurate Windowed PGOOD
• Forced-PWM and Skip Operation
• Overtemperature, Overvoltage, and Short-Circuit Protection
• 3mm x 3mm FC2QFN
• -40°C to +125°C Operating Temperature Range

Key Applications
• Industrial Automation
• Point-of-Load
• Distributed DC Power Systems




Similar Part No. - MAX42402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4240 MAXIM-MAX4240 Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
MAX42405AFOA+T AD-MAX42405AFOA+T Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
MAX42405AFOB+T AD-MAX42405AFOB+T Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
MAX42406 AD-MAX42406 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results


Similar Description - MAX42402

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E300EFJ-LB ROHM-BD9E300EFJ-LB Datasheet
3Mb / 33P
7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20079 MAXIM-MAX20079 Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com