Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20408 Datasheet (PDF) - Maxim Integrated Products

MAX20408 Datasheet PDF - Maxim Integrated Products
Part # MAX20408
Download  MAX20408 Download
File Size   1438.59 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive 36V, 8A/10A Fully-Integrated Buck

MAX20408 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20408 Datasheet PDF - Maxim Integrated Products

Part # MAX20408
Download  MAX20408 Click to download

File Size   1438.59 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive 36V, 8A/10A Fully-Integrated Buck

MAX20408 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX20408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20408EVKIT MAXIM-MAX20408EVKIT Datasheet
964Kb / 7P
MAX20408/MAX20410 EV kit
2021
More results


Similar Description - MAX20408

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841M IRF-IR3841M_15 Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
logo
Texas Instruments
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com