Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC551001BPL Datasheet (PDF) - Toshiba Semiconductor

TC551001BPL Datasheet PDF - Toshiba Semiconductor
Part # TC551001BPL
Download  TC551001BPL Download
File Size   354.25 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT STATIC RAM

TC551001BPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC551001BPL Datasheet PDF - Toshiba Semiconductor

Part # TC551001BPL
Download  TC551001BPL Click to download

File Size   354.25 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072-WORD BY 8-BIT STATIC RAM

TC551001BPL Datasheet (HTML) - Toshiba Semiconductor


TC551001BPL Product details

DESCRIPTION
The TC551001BPL/BFL/BFTL/BTRL is a 1,048,576-bit static random access memory (SRAM) organized as
131,072 words by 8 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device
operates from a single 5 V ± 10% power supply. Advanced circuit technology provides both high speed and low
power at an operating current of 5 mA/MHz (typ) and a minimum cycle time of 70 ns. It is automatically placed
in low-power mode at 2 A standby current (typ) when chip enable (CE1) is asserted high or (CE2) is asserted
low. There are three control inputs. CE1 and CE2 are used to select the device and for data retention control,
and output enable (OE) provides fast memory access. This device is well suited to various microprocessor
system applications where high speed, low power and battery backup are required. The TC551001BPL/BFL/
BFTL/BTRL is available in a standard plastic 32-pin dual-in-line package (DIP), plastic 32-pin small-outline
package (SOP) and normal and reverse pinout plastic 32-pin thin-small-outline package (TSOP).

FEATURES
Low-power dissipation
Operating: 27.5 mW/MHz (typical)
Standby current of 100 A (maximum)
Single power supply voltage of 5 V ± 10%
Power down features using CE1 and CE2.
Data retention supply voltage of 2 to 5.5 V
• Direct TTL compatibility for all inputs and
outputs
Access Times (maximum):
Access Time
CE1 Access Time
CE2 Access Time
OE Access Time
TC551001BPL/BFL/BFTL/BTRL
-85
-70
70 ns
70 ns
70 ns
35 ns
85 ns
85 ns
● Packages: DIP32-P-600 (BPL)
SOP32-P-525 (BFL)
85 ns
45 ns
-10
100 ns
100 ns
100 ns
50 ns
(Weight: 4.45 g typ)
(Weight: 1.04 g typ)
TSOP32-P-0820 (BFTL) (Weight: 0.34 g typ)
TSOP32-P-0820A (BTRL) (Weight: 0.34 g typ)




Similar Part No. - TC551001BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001BPL TOSHIBA-TC551001BPL Datasheet
584Kb / 13P
SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
TC551001BPL TOSHIBA-TC551001BPL Datasheet
355Kb / 12P
131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
TC551001BPL-10L TOSHIBA-TC551001BPL-10L Datasheet
355Kb / 12P
131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
TC551001BPL-70L TOSHIBA-TC551001BPL-70L Datasheet
584Kb / 13P
SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
TC551001BPL-70L TOSHIBA-TC551001BPL-70L Datasheet
355Kb / 12P
131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
More results


Similar Description - TC551001BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001F TOSHIBA-TC55V1001F Datasheet
550Kb / 13P
131,072 WORD BY 8 BIT STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
131,072 WORD BY 8 BIT STATIC RAM
TC55V2161FT TOSHIBA-TC55V2161FT Datasheet
477Kb / 10P
131,072 WORD BY 16 BIT STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC551001BPL TOSHIBA-TC551001BPL_V02 Datasheet
355Kb / 12P
131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com