Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5518CPL Datasheet (PDF) - Toshiba Semiconductor

TC5518CPL Datasheet PDF - Toshiba Semiconductor
Part # TC5518CPL
Download  TC5518CPL Download
File Size   458.32 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2,048 WORD X 8 BIT CMOS STATIC RAM

TC5518CPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5518CPL Datasheet PDF - Toshiba Semiconductor

Part # TC5518CPL
Download  TC5518CPL Click to download

File Size   458.32 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2,048 WORD X 8 BIT CMOS STATIC RAM

TC5518CPL Datasheet (HTML) - Toshiba Semiconductor


TC5518CPL Product details

DESCRIPTION
The
TC5518CP/CF
is a 16384-bit high speed and
low power sully static random access memory orga-
nized as 2048 words by a 8 bits using CMOS tech-
nology, and operates from a single 5 volt supply.
The TC5518CP/CF has two chip enable inputs, CE 1
and CE2, which are used for device selection and
can be used in order to achieve minimum standby
current mode easily for battery back up. Also the
high speed and low power characteristics which
maximum access time is 150ns, 200ns and maxi-
mum operating current is 5mA/MHz are achieved.
Thus the TC5518CP/CF is most suitable for use in
low power applications where battery operation or
battery back up for nonvolatility are required.
Furthermore the TC5518CPL/CFL guaranteed a
standby current epual to or less than 1 μA at 60°C.
ambient temperature available. And the TC5518CP/
CPL is pin compatible with 2716 type EPROM. This
means that the TC5518CP/CPL and EPROM can be
interchanged in the same socket, and the flexibility in
the definition of the quantity of RAM versus EPROM
allows the wide application in microcomputer system.

FEATURES
Low Power Dissipation
5mA/Max.
0.2μA(MAX.)
at Ta=25°C
1.0μA(MAX.) at Ta= 60°C
Operating
Standby
Standby
5V Single Power Supply
Low Voltage Operation : Von=3V
tco1, 21μs(MAX.) Ta= 60°C
Wide Temperature Operation
Ta=-40-85°C
Fully Static Operation
Data Retention Voltage: 2.0V-5.5V
Two Chip Enables (CE1, CE2)
Simple Memory Expansion and Battery Back Up
Access Time
Address Access
Time (MAX.)
CE1 Access Time
(MAX.)
CE2 Access Time
(MAX.)
TC5518CP-15 CPL-15 TC5518CP-20/CPL-20
TC5518CF-15-CFL-15 TC5518CF-20/CFL-20
150ns
200ns
150ns
150ns
200ns
200ns
Directly TTL Compatible: All Inputs and Outputs
24 Pin Standard Plastic Package: TC5518CP
24 Pin Flat Package
: TC5518CF




Similar Part No. - TC5518CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC551801ECB713 MICROCHIP-TC551801ECB713 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
TC551801ECBTR MICROCHIP-TC551801ECBTR Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
TC551801EMB713 MICROCHIP-TC551801EMB713 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
TC551801EMBTR MICROCHIP-TC551801EMBTR Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
TC551801EZB713 MICROCHIP-TC551801EZB713 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
More results


Similar Description - TC5518CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1826C INTERSIL-CDP1826C Datasheet
42Kb / 9P
CMOS 64-Word x 8-Bit Static RAM
March 1997
logo
Toshiba Semiconductor
TC5564APL-15 TOSHIBA-TC5564APL-15 Datasheet
98Kb / 1P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5516 TOSHIBA-TC5516 Datasheet
551Kb / 12P
2,048 WORD X 8 BIT CMOS STATIC RAM
logo
List of Unclassifed Man...
GM76C28A ETC1-GM76C28A Datasheet
306Kb / 10P
2,048 WORDS X 8 BIT CMOS STATIC RAM
logo
NEC
UPD449 NEC-UPD449 Datasheet
182Kb / 4P
2,048 x 8-BIT STATIC CMOS RAM
logo
Toshiba Semiconductor
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
TC5563APL-10 TOSHIBA-TC5563APL-10 Datasheet
583Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5563APL-10L TOSHIBA-TC5563APL-10L Datasheet
956Kb / 8P
8,192 WORD X 8 BIT CMOS STATIC RAM
TC5588P TOSHIBA-TC5588P Datasheet
411Kb / 7P
8,192 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com