Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55328AP Datasheet (PDF) - Toshiba Semiconductor

TC55328AP Datasheet PDF - Toshiba Semiconductor
Part # TC55328AP
Download  TC55328AP Download
File Size   368.03 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS STATIC RAM

TC55328AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55328AP Datasheet PDF - Toshiba Semiconductor

Part # TC55328AP
Download  TC55328AP Click to download

File Size   368.03 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT CMOS STATIC RAM

TC55328AP Datasheet (HTML) - Toshiba Semiconductor


TC55328AP Product details

Description
The TC55328AP/AJ is a 262,144 bit high speed CMOS static random access memory organized as 32,768 words by 8 bits and
operated from a single 5V supply. Toshiba's advanced CMOS technology and circuit design enable high speed operation.
The TC55328AP/AJ features low power dissipation when the device is deselected using chip enable (CE) and has an output
enable input (OE) for fast memory access. Also, the device power between memory accesses is reduced by an automatic power
inputs
down circuit.
The TC55328AP/AJ is suitable for use in high speed applications such as cache memory and high speed storage. All
and outputs are TTL compatible.
The TC55328AP/AJ is available in a 300mil width, 28-pin DIP and SOJ suitable for high density surface assembly.

Features
Fast access time
- TC55328AP/AJ-15
- TC55328AP/AJ-20
-TC55328AP/AJ-25
TC55328AP/AJ-35
• Low power dissipation
Operation:
- TC55328AP/AJ-15
TC55328AP/AJ-20
TC55328AP/AJ-25
- TC55328AP/AJ-35
- Standby:
1mA (max.)
Single 5V power supply: 5V±10%
Fully static operation
Inputs and outputs TTL compatible
• Output buffer control: OE
• Package:
15ns (max.)
20ns (max.)
25ns (max.)
35ns (max.)
140mA (max.)
140mA (max.)
140mA (max.)
120mA (max.)
- TC55328AP: DIP28-P-300B
- TC55328AJ: SOJ28-P-300A




Similar Part No. - TC55328AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328J-17 TOSHIBA-TC55328J-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328J-20 TOSHIBA-TC55328J-20 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328J-25 TOSHIBA-TC55328J-25 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328J-35 TOSHIBA-TC55328J-35 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
More results


Similar Description - TC55328AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
05-Aug-1998
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551632J TOSHIBA-TC551632J Datasheet
394Kb / 7P
32,768 WORD x 16 BIT CMOS STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com