Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55257BPL Datasheet (PDF) - Toshiba Semiconductor

TC55257BPL Datasheet PDF - Toshiba Semiconductor
Part # TC55257BPL
Download  TC55257BPL Download
File Size   226.07 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT STATIC RAM

TC55257BPL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55257BPL Datasheet PDF - Toshiba Semiconductor

Part # TC55257BPL
Download  TC55257BPL Click to download

File Size   226.07 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT STATIC RAM

TC55257BPL Datasheet (HTML) - Toshiba Semiconductor


TC55257BPL Product details

Description
The TC55257BPL is a 262,144 bit CMOS static random access memory organized as 32,768 words by 8 bits and operated from a
single 5V power supply. Advanced circuit techniques provide both high speed and low power features with an operating current of
5mNMHz (typ.) and a minimum cycle time of 85ns.
When CE is a logical high, the device is placed in a low power standby mode in which the standby current is 2~ at room temperature. The TC55257BPL has two control inputs. Chip enable (CE) allows for device selection and data retention control, while an
output enable input (OE) provides fast memory access. The TC55257BPL is suitable for use in microprocessor systems where high
speed, low power, and battery backup are required. The TC55257BPL-(LT) has an operating temperature range of -20 - 7CfC so it
is suitable for use in low temperature applications.
The TC55257BPL is offered in a standard dual-in-line 28-pin plastic package (0.6/0.3 inch width), a small outline plastic package, and a thin small outline plastic package (forward type, reverse type).

Features
• Low power dissipation:
• Standby current:
• Single 5V power supply
• Access time (max.)
27.5mW/MHz (typ.)
100~(max.)
TC55257BPL/ TC55257BPL/
B FL/BS PL/B FTL/ BFL/BSPL/BFTL/
BTRL-85(LT) BTRL-10(LT)
Access Time
Chip Enable Access Time
Output Enable Time
• Power down feature: CE
• Data retention supply voltage:
• Wide operating temperature:
• Inputs and outputs TIL compatible
85ns
85ns
45ns
2.0 - 5.5V
-20 - 70°C
100ns
100ns
50ns
• Package TC55257BPL(LT): DIP28-P-600
TC55257BFL(LT) : SOP28-P-450
TC55257BSPL(LT) : DIP28-P-300B
TC55257BFTL(LT) : TSOP28-P
TC55257BTRL(LT) : TSOP28-P-A




Similar Part No. - TC55257BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257BPL TOSHIBA-TC55257BPL Datasheet
424Kb / 9P
SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM
TC55257BPL-10 TOSHIBA-TC55257BPL-10 Datasheet
424Kb / 9P
SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM
TC55257BPL-10L TOSHIBA-TC55257BPL-10L Datasheet
424Kb / 9P
SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM
TC55257BPL-85 TOSHIBA-TC55257BPL-85 Datasheet
424Kb / 9P
SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM
TC55257BPL-85L TOSHIBA-TC55257BPL-85L Datasheet
424Kb / 9P
SILICON GATE CMOS 32,768 WORD X 8 BIT STATIC RAM
More results


Similar Description - TC55257BPL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
TC55B328P TOSHIBA-TC55B328P Datasheet
330Kb / 7P
32,768 WORD x 8 BIT BICMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com