Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55329AP Datasheet (PDF) - Toshiba Semiconductor

TC55329AP Datasheet PDF - Toshiba Semiconductor
Part # TC55329AP
Download  TC55329AP Download
File Size   399.12 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 9 BIT CMOS STATIC RAM

TC55329AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55329AP Datasheet PDF - Toshiba Semiconductor

Part # TC55329AP
Download  TC55329AP Click to download

File Size   399.12 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 9 BIT CMOS STATIC RAM

TC55329AP Datasheet (HTML) - Toshiba Semiconductor


TC55329AP Product details

Description
The TC55329AP/AJ is a 294,912 bit high speed CMOS static random access memory organized as 32,768 words by 9 bits and
operated from a single 5V supply. Toshiba's advanced CMOS technology and circuit design enable high speed operation.
The TC55329AP/AJ features low power dissipation when the device is deselected using chip enable (CE1, CE2) and has an
output enable input (OE) for fast memory access. Also, the device power between memory accesses is reduced by an automatic
power down circuit.
The TC55329AP/AJ is suitable for use in high speed applications such as cache memory and high speed storage. All inputs
and outputs are TTL compatible.
The TC55329AP/AJ is available in a 300mil width, 32-pin DIP and SOJ suitable for high density surface assembly.

Features
• Fast access time
TC55329AP/AJ-15
- TC55329AP/AJ-20
- TC55329AP/AJ-25
- TC55329AP/AJ-35
Low power dissipation
- Operation:
- TC55329AP/AJ-15
- TC55329AP/AJ-20
- TC55329AP/AJ-25
- TC55329AP/AJ-35
- Standby:
15ns (max.)
20ns (max.)
25ns (max.)
35ns (max.)
140mA (max.)
140mA (max.)
140mA (max.)
120mA (max.)
1mA (max.)
Single 5V power supply: 5V±10%
Fully static operation
• Inputs and outputs TTL compatible
Output buffer control: OE
• Package:
- TC55329AP: DIP32-P-300
- TC55329AJ: SOJ32-P-300




Similar Part No. - TC55329AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55329J TOSHIBA-TC55329J Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC55329J-17 TOSHIBA-TC55329J-17 Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC55329J-20 TOSHIBA-TC55329J-20 Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC55329J-25 TOSHIBA-TC55329J-25 Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
TC55329J-35 TOSHIBA-TC55329J-35 Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
More results


Similar Description - TC55329AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
TC55329P TOSHIBA-TC55329P Datasheet
307Kb / 8P
32,768 WORD x 9 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551632J TOSHIBA-TC551632J Datasheet
394Kb / 7P
32,768 WORD x 16 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
TC55B329P TOSHIBA-TC55B329P Datasheet
389Kb / 7P
32,768 WORD x 9 BIT BICMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com