Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55416P Datasheet (PDF) - Toshiba Semiconductor

TC55416P Datasheet PDF - Toshiba Semiconductor
Part # TC55416P
Download  TC55416P Download
File Size   232.58 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55416P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55416P Datasheet PDF - Toshiba Semiconductor

Part # TC55416P
Download  TC55416P Click to download

File Size   232.58 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55416P Datasheet (HTML) - Toshiba Semiconductor


TC55416P Product details

DESCRIPTION
The TC55416P/J is a 65,536 bit high speed static random access memory organized as
16,384 words by 4 bits using CMOS technology, and operated from a single 5-volt supply.
Toshiba's high performance device technology provides both high speed and low power
features with a maximum access time of 25ns/35ns/45ns and maximum operating current of
120mA/100mA/100mA at minimum cycle time.
The TC55416P/J also features an automatic stand-by mode. When deselected by Chip Enable
(CE), the operating current is reduced to 20mA.
The TC55416P/J is suitable for use in cache memory and high speed storage, where high
speed/high density are required.
The TC55416P/J is moulded in a 22 pin standard plastic DIP and a 24 pin plastic SOJ,
with 0.3 inch width for high density assembly.
The TC55416P/J is fabricated with ion implanted CMOS silicon gate MOS technology for
high performance and high reliability.

FEATURES
.
Fast access time:
TC55416P/J-25
TC55416P/J-35
TC55416P/J-45
25ns (MAX.)
35ns (MAX.)
45ns (MAX.)
Low power dissipation:
Operation
Standby
TC55416P/J-25
TC55416P/J-35
TC55416P/J-45
120mA (MAX.)
100mA (MAX.)
100mA (MAX.)
20mA (MAX.)
5V single power supply
Fully static operation
Directly TTL compatible:
All Input and
Output
• Package:
22 pin plastic 300mil DIP (TC55416P)
24 pin plastic 300mil SOJ (TC55416J)




Similar Part No. - TC55416P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161AFT-10 TOSHIBA-TC554161AFT-10 Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
TC554161AFT-10L TOSHIBA-TC554161AFT-10L Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
TC554161AFT-70 TOSHIBA-TC554161AFT-70 Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
TC554161AFT-70L TOSHIBA-TC554161AFT-70L Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
TC554161AFT-85 TOSHIBA-TC554161AFT-85 Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
More results


Similar Description - TC55416P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS4416 TI-TMS4416 Datasheet
798Kb / 22P
16,384 WORD BY 4 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM5188 OKI-MSM5188 Datasheet
178Kb / 5P
16,384-WORD x 4-BIT SPEED STATIC CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
TC5518CP TOSHIBA-TC5518CP Datasheet
458Kb / 9P
2,048 WORD X 8 BIT CMOS STATIC RAM
TC55417J TOSHIBA-TC55417J Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417P TOSHIBA-TC55417P Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com