Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55417P Datasheet (PDF) - Toshiba Semiconductor

TC55417P Datasheet PDF - Toshiba Semiconductor
Part # TC55417P
Download  TC55417P Download
File Size   312.31 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55417P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55417P Datasheet PDF - Toshiba Semiconductor

Part # TC55417P
Download  TC55417P Click to download

File Size   312.31 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55417P Datasheet (HTML) - Toshiba Semiconductor


TC55417P Product details

DESCRIPTION
The TC55417P/J-H is a 65,536 bit high speed static random access memory organized as 16,384 words
by 4 bits using CMOS technology, and operated from a single 5-volt supply.
Toshiba's high
performance device technolgy provides both high speed and low power features with a maximum access
time of 15ns/20ns/25ns/35ns and maximum operating current of 120mA/100mA/100mA / 80mA at
minimum cycle time.
The TC55417P/J-H also features an automatic stand-by mode. When deselected by Chip Enable (CE),
the operating current is reduced to 1mA.
The TC55417P/J-H is suitable for use in cache memory and high speed storage, where high speed/
high density are required.
The TC55417P/J-H is packaged in a 24 pin standard plastic DIP and a 24 pin plastic SOJ.
with 0.3 inch width for high density assembly.
The TC55417P/J-H is fabricated with ion implanted CMOS silicon gate MOS technology for high
performance and high reliability.

FEATURES
Fast access time :
TC55417P/J-15H
15ns(MAX.)
TC55417P/J-20H 20ns(MAX.)
TC55417P/J-25H
25ns(MAX.)
TC55417P/J-35H
35ns(MAX.)
5V single power supply: 5V±10%
Fully static operation
Diractly TTL compatible :
All Input and Output
• Low power dissipation :
Operation TC55417P/J-15H
TC55417P/J-20H
TC55417P/J-25H
TC55417P/J-35H
Standby
Outpot buffer control : OE
• Package
120mA(MAX.)
100mA(MAX.)
100mA(MAX.)
80mA(MAX.)
1mA(MAX.)
TC55417P-H: DIP24-P-300B
TC55417J-H: SOJ24-P-300A




Similar Part No. - TC55417P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55417P TOSHIBA-TC55417P Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417P-25 TOSHIBA-TC55417P-25 Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417P-35 TOSHIBA-TC55417P-35 Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417P-45 TOSHIBA-TC55417P-45 Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
More results


Similar Description - TC55417P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS4416 TI-TMS4416 Datasheet
798Kb / 22P
16,384 WORD BY 4 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM5188 OKI-MSM5188 Datasheet
178Kb / 5P
16,384-WORD x 4-BIT SPEED STATIC CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
TC5518CP TOSHIBA-TC5518CP Datasheet
458Kb / 9P
2,048 WORD X 8 BIT CMOS STATIC RAM
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417P TOSHIBA-TC55417P Datasheet
237Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com