Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55417J Datasheet (PDF) - Toshiba Semiconductor

TC55417J Datasheet PDF - Toshiba Semiconductor
Part # TC55417J
Download  TC55417J Download
File Size   237.34 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55417J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55417J Datasheet PDF - Toshiba Semiconductor

Part # TC55417J
Download  TC55417J Click to download

File Size   237.34 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,384 WORD x 4 BIT CMOS STATIC RAM

TC55417J Datasheet (HTML) - Toshiba Semiconductor


TC55417J Product details

DESCRIPTION
The TC55417P/J is a 65,536 bit high speed static random access memory organized as
16,384 words by 4 bits using CMOS technology, and operated from a single 5-volt supply.
Toshiba's high performance device technology provides both high speed and low power
features with a maximum access time of 25ns/35ns/45ns and maximum operating current of
120mA/100mA/100mA at maximum cycle time. The TC55417P/J also features an automatic
stand-by mode. When deselected by Chip Enable (CE), the operating current is reduced
to 20mA. The TC55417P/J is suitable for use in cache memory and high speed storage,
where high speed/high density are required. The TC55417P/J is moulded in a 24 pin
standard plastic DIP and a 24 pin plastic SOJ, with 0.3 inch width for high density.
assembly. The TC55417P/J is fabricated with ion implanted CMOS silicon gate MOS tech-
nology for high performance and high reliability.

FEATURES
. Fast access time: TC55417P/J-25
TC55417P/J-35
TC55417P/J-45
.
Low power dissipation:
25ns (MAX.)
35ns (MAX.)
45ns (MAX.)
Operation TC55417P/J-25
TC55417P/J-35
TC55417P/J-45
Standby
5V single power supply
Fully static operation
Directly TTL compatible: All Input and Output
Output buffer control: ÖE
Package: 24 Pin plastic 300 mil DIP (TC55417P)
24 Pin plastic 300 mil SOJ (TC55417J)
120mA (MAX.)
100mA (MAX.)
100mA (MAX.)
20mA (MAX.)




Similar Part No. - TC55417J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55417J TOSHIBA-TC55417J Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417J-15H TOSHIBA-TC55417J-15H Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417J-20H TOSHIBA-TC55417J-20H Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417J-25H TOSHIBA-TC55417J-25H Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417J-35H TOSHIBA-TC55417J-35H Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
More results


Similar Description - TC55417J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS4416 TI-TMS4416 Datasheet
798Kb / 22P
16,384 WORD BY 4 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM5188 OKI-MSM5188 Datasheet
178Kb / 5P
16,384-WORD x 4-BIT SPEED STATIC CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
TC5518CP TOSHIBA-TC5518CP Datasheet
458Kb / 9P
2,048 WORD X 8 BIT CMOS STATIC RAM
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55417J TOSHIBA-TC55417J Datasheet
312Kb / 7P
16,384 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com