Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCND5000 Datasheet (PDF) - Vishay Siliconix

TCND5000 Datasheet PDF - Vishay Siliconix
Part # TCND5000
Download  TCND5000 Download
File Size   328.62 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reflective Optical Sensor with PIN Photodiode Output

TCND5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCND5000 Datasheet PDF - Vishay Siliconix

Part # TCND5000
Download  TCND5000 Click to download

File Size   328.62 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reflective Optical Sensor with PIN Photodiode Output

TCND5000 Datasheet (HTML) - Vishay Siliconix


TCND5000 Product details

DESCRIPTION
The TCND5000 is a reflective sensor that includes an
infrared emitter and pin photodiode in a surface mount
package which blocks visible light.

FEATURES
• Package type: surface mount
• Detector type: pin photodiode
• Dimensions (L x W x H in mm): 6 x 4.3 x 3.75
• Peak operating distance: 6 mm
• Operating range within > 20 % relative collector
current: 2 mm to 25 mm
• Typical output current under test: Ira > 0.11 μA
• Daylight blocking filter
• High linearity
• Emitter wavelength: 940 nm
• Lead (Pb)-free soldering released
• Moisture sensitivity level (MSL): 4
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Proximity sensor
• Object sensor
• Motion sensor
• Touch key




Similar Part No. - TCND5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCND5000 VISHAY-TCND5000 Datasheet
177Kb / 10P
Reflective Optical Sensor with PIN Photodiode Output
04-Sep-06
TCND5000 VISHAY-TCND5000 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
TCND5000 VISHAY-TCND5000_10 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
More results


Similar Description - TCND5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
TCND5000 VISHAY-TCND5000 Datasheet
177Kb / 10P
Reflective Optical Sensor with PIN Photodiode Output
04-Sep-06
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCND5000 VISHAY-TCND5000_10 Datasheet
298Kb / 14P
Reflective Optical Sensor with PIN Photodiode Output
14-Oct-10
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com