Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNT2020 Datasheet (PDF) - Vishay Siliconix

VCNT2020 Datasheet PDF - Vishay Siliconix
Part # VCNT2020
Download  VCNT2020 Download
File Size   146.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reflective Optical Sensor with Transistor Output

VCNT2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNT2020 Datasheet PDF - Vishay Siliconix

Part # VCNT2020
Download  VCNT2020 Click to download

File Size   146.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reflective Optical Sensor with Transistor Output

VCNT2020 Datasheet (HTML) - Vishay Siliconix


VCNT2020 Product details

• Package type: SMD
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 2.5 x 2 x 0.8
• Operating range within > 20 % relative collector
current: 0.2 mm to 2.5 mm
• Emitter wavelength: 940 nm
• Moisture sensitivity level (MSL): 4




Similar Part No. - VCNT2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
142Kb / 7P
Reflective Optical Sensor With Transistor OutputS
21-Jan-2019
VCNT2020 VISHAY-VCNT2020_V01 Datasheet
142Kb / 7P
Reflective Optical Sensor With Transistor OutputS
21-Jan-2019
More results


Similar Description - VCNT2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
Reflective Optical Sensor with Transistor Output
03-Jul-00
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com