Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNT2020 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VCNT2020
Description  Reflective Optical Sensor with Transistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2020 Datasheet(HTML) 4 Page - Vishay Siliconix

  VCNT2020 Datasheet HTML 1Page - Vishay Siliconix VCNT2020 Datasheet HTML 2Page - Vishay Siliconix VCNT2020 Datasheet HTML 3Page - Vishay Siliconix VCNT2020 Datasheet HTML 4Page - Vishay Siliconix VCNT2020 Datasheet HTML 5Page - Vishay Siliconix VCNT2020 Datasheet HTML 6Page - Vishay Siliconix VCNT2020 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VCNT2020
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 19-Jan-18
4
Document Number: 84285
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Relative Collector Current vs. Displacement
Fig. 11 - Rise / Fall Time vs. Collector Current
FLOOR LIFE
Time between soldering and removing from MBB must not
exceed the time indicated in J-STD-020:
Moisture sensitivity: level 4
Floor life: 72 h
Conditions: Tamb < 30 °C, RH < 60 %
DRYING
In case of moisture absorption devices should be baked
before
soldering.
Conditions
see
J-STD-020
or
recommended conditions:
192 h at 40 °C (+ 5 °C), RH < 5 %
or
96 h at 60 °C (+ 5 °C), RH < 5 %
REFLOW SOLDER PROFILE
Fig. 12 - Lead (Pb)-free Reflow Solder Profile
According to J-STD-020
0
10
20
30
40
50
60
70
80
90
100
110
0
0.25 0.5 0.75 1.00 1.25 1.50
2.25
s - Displacement (mm)
y - direction
x - direction
1.75 2.00
2.5
0
10
20
30
40
50
60
70
80
90
100
0
500
2000
IC - Collector Current (μA)
U
CE = 5 V
λ = 960 nm
R
L = 100 Ω
1000
1500
t
r
t
f
240 °C
Max. 260 °C
217 °C
255 °C
19841
10
100
1000
10000
0
100
200
300
0
50
100
150
200
300
Axis Title
Time (s)
50
150
250
250
245 °C
Max. 100 s
Max. 30 s
Max. 120 s
Max. ramp down 6 °C/s
Max. ramp up 3 °C/s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com